Electronic Components Datasheet Search
  English  ▼

X  

ADPD4101 Datasheet(PDF) 44 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 40Page - Analog Devices ADPD4101 Datasheet HTML 41Page - Analog Devices ADPD4101 Datasheet HTML 42Page - Analog Devices ADPD4101 Datasheet HTML 43Page - Analog Devices ADPD4101 Datasheet HTML 44Page - Analog Devices ADPD4101 Datasheet HTML 45Page - Analog Devices ADPD4101 Datasheet HTML 46Page - Analog Devices ADPD4101 Datasheet HTML 47Page - Analog Devices ADPD4101 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 44 of 101
ECG MEASUREMENT WITH THE
ADPD4100/ADPD4101
The ADPD4100/ADPD4101 can be used for ECG applications
with the simple addition of an external RC network consisting
of two 500 kΩ resistors in series with the inputs and a 470 pF
capacitor across the inputs, as shown in Figure 52. The electrical
equivalent model for an electrode is shown together with the
RC circuit, external to the ADPD4100/ADPD4101.
The 500 kΩ resistors limit the current that can be injected into
or pulled from the body in the case of shorted input pins. The
470 pF capacitor serves as the sensing capacitor for the ECG
signal. The ECG signal is integrated onto the sensing capacitor.
The value of this capacitor is chosen such that an acceptable
SNR is achieved and the time constant of the RC network and
the electrode skin contact allows sufficient charge accumulation
on the sensing capacitor during the sampling period.
The RC network of the 500 kΩ resistors and the 470 pF
capacitor also acts as a low-pass filter, which helps reduce the
high frequency noise due to electrode skin contact.
For multilead ECG measurement, each lead requires a separate
pair of inputs and the RC network of two 500 kΩ resistors and
the 470 pF capacitor, as shown in Figure 52.
TIA
RF
RF
RIN
RIN
500kΩ
500kΩ
470pF
RP
CP
RP
CP
ADPD4100/
ADPD4101
INx
INx
VDC
VDC
RS
RS
RA
LA
SKIN/ELECTRODE
INTERFACE
NOTES
1. RA is right arm. LA is left arm.
Figure 52. Circuit for Measuring Single-Lead ECG with the
ADPD4100/ADPD4101
Sleep Float Mode
The ADPD4100/ADPD4101 ECG measurement operates in
sleep float mode. Sleep float mode allows a robust ECG
measurement regardless of whether low impedance wet
electrodes or high impedance dry electrodes are used.
In sleep float mode, the sensing capacitor floats all the time
except the charge transfer, accumulating charge from the ECG
signal. The accumulated charge is then transferred into the
ADPD4100/ADPD4101 during a specified time slot for charge
measurement. The device must be configured to float the inputs
for the ECG during the preconditioning period and during
sleep. The inputs are connected to the external capacitor only
during the charge transfer. At all other times, the inputs for the
ECG are floating, resulting in a float time of 1/tP, where tP is the
sampling rate of the ADPD4100/ADPD4101. For example, the
float time in sleep float mode is ~3.3 ms for the sampling rate of
300 Hz.
An advantage of using sleep float in ECG measurements is the
longer charging time for the sensing capacitor. In sleep float
mode, charge accumulation on the sensing capacitor happens
during the sleep and during all other enabled time slots. The
time slot associated with the sleep float mode is only used to
transfer the charge from the sensing capacitor to the ADPD4100/
ADPD4101 amplifier. Sleep float mode also allows the use of
other time slots for different sensor-based applications while
ECG is being measured because the sensing capacitor floats
regardless of the types of applications that the other time slots
enable.
Another advantage of using sleep float mode in ECG measure-
ments is the reduced power consumption and noise. In sleep
float mode, while the sensing capacitor is floating, it is discon-
nected from the amplifier and the amplifier is not powered.
Therefore, sleep float mode reduces the power consumption by
using the passive charging time to transfer the ECG signal from
the body onto the sensing capacitor while the amplifier and all
the later stages are powered down. The passive charging process
of the sampling capacitor associated with sleep float mode also
reduces the noise as the charging process is noise free.
A timing diagram for sleep float mode is shown in Figure 53.
The relevant register settings for sleep float mode are shown in
Table 27.
INTEGRATOR
OUTPUT
INTEGRATOR
SEQUENCE
ADC READ
ACCUMULATED
CHARGE ON CAPACITOR
CONNECT/FLOAT
WAKE
TIME SLOT A (TS A)
SLEEP
TS B
TS X
SEQUENCE TIMING
MOD_WIDTH_x
WAKE
MOD_OFFSET_x
INTEG_OFFSET_x
INTEG_WIDTH_x
START OF TIME SLOT
Figure 53. Sleep Float Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com