Electronic Components Datasheet Search
  English  ▼

X  

ADPD4101 Datasheet(PDF) 77 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 73Page - Analog Devices ADPD4101 Datasheet HTML 74Page - Analog Devices ADPD4101 Datasheet HTML 75Page - Analog Devices ADPD4101 Datasheet HTML 76Page - Analog Devices ADPD4101 Datasheet HTML 77Page - Analog Devices ADPD4101 Datasheet HTML 78Page - Analog Devices ADPD4101 Datasheet HTML 79Page - Analog Devices ADPD4101 Datasheet HTML 80Page - Analog Devices ADPD4101 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 77 of 101
Addr
Name
Bits
Bit Name
Description
Reset Access1
0x0014 INT_ENABLE_XD
15
INTX_EN_FIFO_TH
INT_FIFO_TH interrupt enable. Write a 1 to this bit to
enable drive of the FIFO threshold status on Interrupt X.
0x0
R/W
14
INTX_EN_FIFO_UFLOW INT_FIFO_UFLOW interrupt enable for Interrupt X. Write a
1 to this bit to enable drive of the FIFO underflow status
on Interrupt X.
0x0
R/W
13
INTX_EN_FIFO_OFLOW INT_FIFO_OFLOW interrupt enable for Interrupt X. Write a
1 to this bit to enable drive of the FIFO overflow status on
Interrupt X.
0x0
R/W
12
Reserved
Reserved.
0x0
R
11
INTX_EN_DATA_L
INT_DATA_L interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_L status on Interrupt X.
0x0
R/W
10
INTX_EN_DATA_K
INT_DATA_K interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_K status on Interrupt X.
0x0
R/W
9
INTX_EN_DATA_J
INT_DATA_J interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_J status on Interrupt X.
0x0
R/W
8
INTX_EN_DATA_I
INT_DATA_I interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_I status on Interrupt X.
0x0
R/W
7
INTX_EN_DATA_H
INT_DATA_H interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_H status on Interrupt X.
0x0
R/W
6
INTX_EN_DATA_G
INT_DATA_G interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_G status on Interrupt X.
0x0
R/W
5
INTX_EN_DATA_F
INT_DATA_F interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_F status on Interrupt X.
0x0
R/W
4
INTX_EN_DATA_E
INT_DATA_E interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_E status on Interrupt X.
0x0
R/W
3
INTX_EN_DATA_D
INT_DATA_D interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_D status on Interrupt X.
0x0
R/W
2
INTX_EN_DATA_C
INT_DATA_C interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_C status on Interrupt X.
0x0
R/W
1
INTX_EN_DATA_B
INT_DATA_B interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_B status on Interrupt X.
0x0
R/W
0
INTX_EN_DATA_A
INT_DATA_A interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_A status on Interrupt X.
0x0
R/W
0x0015 INT_ENABLE_YD
15
INTY_EN_FIFO_TH
INT_FIFO_TH interrupt enable. Write a 1 to this bit to
enable drive of the FIFO threshold status on Interrupt Y.
0x0
R/W
14
INTY_EN_FIFO_UFLOW INT_FIFO_UFLOW interrupt enable for Interrupt Y. Write a
1 to this bit to enable drive of the FIFO underflow status
on Interrupt Y.
0x0
R/W
13
INTY_EN_FIFO_OFLOW INT_FIFO_OFLOW interrupt enable for Interrupt Y. Write a
1 to this bit to enable drive of the FIFO overflow status on
Interrupt Y.
0x0
R/W
12
Reserved
Reserved.
0x0
R
11
INTY_EN_DATA_L
INT_DATA_L interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_L status on Interrupt Y.
0x0
R/W
10
INTY_EN_DATA_K
INT_DATA_K interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_K status on Interrupt Y.
0x0
R/W
9
INTY_EN_DATA_J
INT_DATA_J interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_J status on Interrupt Y.
0x0
R/W
8
INTY_EN_DATA_I
INT_DATA_I interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_I status on Interrupt Y.
0x0
R/W
7
INTY_EN_DATA_H
INT_DATA_H interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_H status on Interrupt Y.
0x0
R/W
6
INTY_EN_DATA_G
INT_DATA_G interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_G status on Interrupt Y.
0x0
R/W
5
INTY_EN_DATA_F
INT_DATA_F interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_F status on Interrupt Y.
0x0
R/W
4
INTY_EN_DATA_E
INT_DATA_E interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_E status on Interrupt Y.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com