Electronic Components Datasheet Search
  English  ▼

X  

ADPD4101 Datasheet(PDF) 51 Page - Analog Devices

Part # ADPD4101
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4101 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADPD4101 Datasheet HTML 47Page - Analog Devices ADPD4101 Datasheet HTML 48Page - Analog Devices ADPD4101 Datasheet HTML 49Page - Analog Devices ADPD4101 Datasheet HTML 50Page - Analog Devices ADPD4101 Datasheet HTML 51Page - Analog Devices ADPD4101 Datasheet HTML 52Page - Analog Devices ADPD4101 Datasheet HTML 53Page - Analog Devices ADPD4101 Datasheet HTML 54Page - Analog Devices ADPD4101 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 51 of 101
REGISTER MAP
Table 29. ADPD4100 Register Map Summary
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x0000
FIFO_
STATUS
[15:8]
CLEAR_FIFO
INT_FIFO_
UFLOW
INT_FIFO_
OFLOW
Reserved
FIFO_BYTE_COUNT[10:8]
0x0000
R/W
[7:0]
FIFO_BYTE_COUNT[7:0]
0x0001
INT_
STATUS_
DATA
[15:8]
INT_FIFO_TH
Reserved
INT_
DATA_L
INT_
DATA_K
INT_
DATA_J
INT_
DATA_I
0x0000
R/W
[7:0]
INT_DATA_H INT_DATA_G INT_
DATA_F
INT_
DATA_E
INT_
DATA_D
INT_
DATA_C
INT_
DATA_B
INT_
DATA_A
0x0002
INT_
STATUS_
LEV0
[15:8]
Reserved
INT_LEV0_L INT_
LEV0_K
INT_
LEV0_J
INT_
LEV0_I
0x0000
R/W
[7:0]
INT_LEV0_H
INT_LEV0_G INT_
LEV0_F
INT_LEV0_E INT_LEV0_D INT_
LEV0_C
INT_
LEV0_B
INT_
LEV0_A
0x0003
INT_
STATUS_
LEV1
[15:8]
Reserved
INT_LEV1_L INT_
LEV1_K
INT_
LEV1_J
INT_
LEV1_I
0x0000
R/W
[7:0]
INT_LEV1_H
INT_LEV1_G INT_
LEV1_F
INT_LEV1_E INT_LEV1_D INT_
LEV1_C
INT_
LEV1_B
INT_
LEV1_A
0x0004
INT_
STATUS_TC1
[15:8]
Reserved
INT_TCLN1_L INT_
TCLN1_K
INT_
TCLN1_J
INT_
TCLN1_I
0x0000
R/W
[7:0]
INT_
TCLN1_H
INT_
TCLN1_G
INT_
TCLN1_F
INT_
TCLN1_E
INT_
TCLN1_D
INT_
TCLN1_C
INT_
TCLN1_B
INT_
TCLN1_A
0x0005
INT_
STATUS_TC2
[15:8]
Reserved
INT_TCLN2_L INT_
TCLN2_K
INT_
TCLN2_J
INT_
TCLN2_I
0x0000
R/W
[7:0]
INT_
TCLN2_H
INT_
TCLN2_G
INT_
TCLN2_F
INT_
TCLN2_E
INT_
TCLN2_D
INT_
TCLN2_C
INT_
TCLN2_B
INT_
TCLN2_A
0x0006
FIFO_TH
[15:8]
Reserved
FIFO_TH[9:8]
0x0000
R/W
[7:0]
FIFO_TH[7:0]
0x0007
INT_ACLEAR [15:8]
INT_ACLEAR_
FIFO
Reserved
INT_
ACLEAR_
DATA_L
INT_
ACLEAR_
DATA_K
INT_
ACLEAR_
DATA_J
INT_
ACLEAR_
DATA_I
0x8FFF
R/W
[7:0]
INT_ACLEAR_
DATA_H
INT_
ACLEAR_
DATA_G
INT_
ACLEAR_
DATA_F
INT_
ACLEAR_
DATA_E
INT_
ACLEAR_
DATA_D
INT_
ACLEAR_
DATA_C
INT_
ACLEAR_
DATA_B
INT_
ACLEAR_
DATA_A
0x0008
CHIP_ID
[15:8]
Version
0x02C2
R
[7:0]
CHIP_ID
0x0009
OSC32M
[15:8]
Reserved
0x0080
R/W
[7:0]
OSC_32M_FREQ_ADJ[7:0]
0x000A
OSC32M_
CAL
[15:8]
OSC_32M_
CAL_START
OSC_32M_CAL_COUNT[14:8]
0x0000
R/W
[7:0]
OSC_32M_CAL_COUNT[7:0]
0x000B
OSC1M
[15:8]
Reserved
CLK_CAL_
ENA
OSC_1M_FREQ_
ADJ[9:8]
0x02B2
R/W
[7:0]
OSC_1M_FREQ_ADJ[7:0]
0x000C
OSC32K
[15:8]
CAPTURE_
TIMESTAMP
Reserved
0x0012
R/W
[7:0]
Reserved
OSC_32K_ADJUST[5:0]
0x000D
TS_FREQ
[15:8]
TIMESLOT_PERIOD_L[15:8]
0x2710
R/W
[7:0]
TIMESLOT_PERIOD_L[7:0]
0x000E
TS_FREQH
[15:8]
Reserved
0x0000
R/W
[7:0]
Reserved
TIMESLOT_PERIOD_H[6:0]
0x000F
SYS_CTL
[15:8]
SW_RESET
Reserved
ALT_CLOCKS[1:0]
0x0000
R/W
[7:0]
ALT_CLK_GPIO[1:0]
Reserved
LFOSC_
SEL
OSC_
1M_EN
OSC_
32K_EN
0x0010
OPMODE
[15:8]
Reserved
TIMESLOT_EN[3:0]
0x0000
R/W
[7:0]
Reserved
OP_MODE
0x0011
STAMP_L
[15:8]
TIMESTAMP_COUNT_L[15:8]
0x0000
R
[7:0]
TIMESTAMP_COUNT_L[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com