Electronic Components Datasheet Search
  English  ▼

X  

ADRF5025 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5025
Description  Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5025 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5025 Datasheet HTML 1Page - Analog Devices ADRF5025 Datasheet HTML 2Page - Analog Devices ADRF5025 Datasheet HTML 3Page - Analog Devices ADRF5025 Datasheet HTML 4Page - Analog Devices ADRF5025 Datasheet HTML 5Page - Analog Devices ADRF5025 Datasheet HTML 6Page - Analog Devices ADRF5025 Datasheet HTML 7Page - Analog Devices ADRF5025 Datasheet HTML 8Page - Analog Devices ADRF5025 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ADRF5025
Data Sheet
Rev. B | Page 4 of 13
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT LINEARITY1
5 MHz to 40 GHz
1 dB Power Compression
P1dB
27.5
dBm
Third-Order Intercept
IP3
Two tone input power = 12 dBm each tone,
Δf = 1 MHz
50
dBm
SUPPLY CURRENT
VDD and VSS pins
Positive Supply Current
IDD
14
µA
Negative Supply Current
ISS
120
µA
DIGITAL CONTROL INPUTS
CTRL pin
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low and High
IINL, IINH
<1
µA
RECOMMENDED OPERATING CONDITONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Voltage
VCTL
0
VDD
V
RF Input Power2
PIN
f = 5 MHz to 40 GHz, TCASE = 85°C3
Through Path
RF signal is applied to RFC or through
connected RF1/RF2
27
dBm
Hot Switching
RF signal is present at RFC while switching
between RF1 and RF2
27
dBm
Case Temperature
TCASE
−40
+105
°C
1
For input linearity performance over frequency, see Figure 13 to Figure 16.
2
For power derating over frequency, see Figure 2 and Figure 3.
3
For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com