Electronic Components Datasheet Search
  English  ▼

X  

ADRF5025 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5025
Description  Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5025 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5025 Datasheet HTML 1Page - Analog Devices ADRF5025 Datasheet HTML 2Page - Analog Devices ADRF5025 Datasheet HTML 3Page - Analog Devices ADRF5025 Datasheet HTML 4Page - Analog Devices ADRF5025 Datasheet HTML 5Page - Analog Devices ADRF5025 Datasheet HTML 6Page - Analog Devices ADRF5025 Datasheet HTML 7Page - Analog Devices ADRF5025 Datasheet HTML 8Page - Analog Devices ADRF5025 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Silicon SPDT Switch, Reflective,
9 kHz to 44 GHz
Data Sheet
ADRF5025
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrawideband frequency range: 9 kHz to 44 GHz
Reflective design
Low insertion loss with impedance match
0.9 dB typical to 18 GHz
1.4 dB typical to 40 GHz
1.6 dB typical to 44 GHz
Low insertion loss without impedance match
0.9 dB typical to 18 GHz
1.7 dB typical to 40 GHz
2.2 dB typical to 44 GHz
High input linearity
P1dB: 27.5 dBm typical
IP3: 50 dBm typical
High RF input power handling
Through path: 27 dBm
Hot switching: 27 dBm
No low frequency spurious
RF settling time (50% VCTL to 0.1 dB final RF output): 3.4 µs
12-terminal, 2.25 mm × 2.25 mm LGA package
Pin compatible with the ADRF5024 fast switching version
APPLICATIONS
Industrial scanners
Test and instrumentation
Cellular infrastructure: 5G mmWave
Military radios, radars, electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
ADRF5025
VSS
CTRL
VDD
RFC
Figure 1.
GENERAL DESCRIPTION
The ADRF5025 is a reflective single-pole double-throw (SPDT)
switch, manufactured in silicon process.
This switch operates from 9 kHz to 44 GHz with better than
1.6 dB of insertion loss and 35 dB of isolation. The ADRF5025
has an radio frequency (RF) input power handling capability of
27 dBm for both the through path and hot switching.
The ADRF5025 draws a low current of 14 µA on the positive
supply of +3.3 V and 120 µA on negative supply of −3.3 V. The
device employs complementary metal-oxide semiconductor
(CMOS)-/low voltage transistor to transistor logic (LVTTL)-
compatible controls.
The ADRF5025 is pin compatible with the ADRF5024, low
frequency cutoff version, which operates from 100 MHz to
44 GHz.
The ADRF5025 RF ports are designed to match a characteristic
impedance of 50 Ω. For ultrawideband products, impedance
matching on the RF transmission lines can further optimize high
frequency insertion loss and return loss characteristics. Refer to
the Electrical Specifications section, Typical Performance
Characteristics section, and Applications Information section
for more details.
The ADRF5025 comes in a 2.25 mm × 2.25 mm, 12-terminal,
RoHS-compliant, land grid array (LGA) package and can
operate from −40°C to +105°C.


Similar Part No. - ADRF5025

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5020 AD-ADRF5020 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020-EVALZ AD-ADRF5020-EVALZ Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020BCCZN AD-ADRF5020BCCZN Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020BCCZN-R7 AD-ADRF5020BCCZN-R7 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5021 AD-ADRF5021 Datasheet
356Kb / 12P
Silicon SPDT Switch
Rev. A
More results

Similar Description - ADRF5025

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1118 AD-HMC1118 Datasheet
1Mb / 11P
High Isolation, Silicon SPDT, Nonrefective Switch, 9 kHz to 13.0 GHz
REV. 0
logo
Peregrine Semiconductor
PE42525 PSEMI-PE42525 Datasheet
274Kb / 13P
SPDT RF Switch, 9 kHz??0 GHz
logo
Analog Devices
ADRF5046 AD-ADRF5046 Datasheet
474Kb / 15P
Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
4/2019-Revision 0
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5300 AD-ADRF5300 Datasheet
249Kb / 11P
Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
9/2020-Revision 0
ADRF5047 AD-ADRF5047 Datasheet
552Kb / 15P
Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
11/2019-Revision 0
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5023 AD-ADRF5023 Datasheet
593Kb / 12P
Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
Rev. 0
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com