Electronic Components Datasheet Search
  English  ▼

X  

ADRF5025 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5025
Description  Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5025 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5025 Datasheet HTML 2Page - Analog Devices ADRF5025 Datasheet HTML 3Page - Analog Devices ADRF5025 Datasheet HTML 4Page - Analog Devices ADRF5025 Datasheet HTML 5Page - Analog Devices ADRF5025 Datasheet HTML 6Page - Analog Devices ADRF5025 Datasheet HTML 7Page - Analog Devices ADRF5025 Datasheet HTML 8Page - Analog Devices ADRF5025 Datasheet HTML 9Page - Analog Devices ADRF5025 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ADRF5025
Data Sheet
Rev. B | Page 6 of 13
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VSS
CTRL
VDD
GND
GND
RFC
NOTES
1. EXPOSED PAD MUST BE CONNECTED
TO THE RF/DC GROUND OF THE PCB.
1
2
3
4
5
6
7
8
9
10
11
12
ADRF5025
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 4, 6, 10, 12
GND
Ground. These pins must be connected to the RF/dc ground of the PCB.
2
RFC
RF Common Port. This pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is
necessary when the RF line potential is equal to 0 V dc. See Figure 5 for the interface schematic.
5
RF1
RF Port 1. This pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is necessary when
the RF line potential is equal to 0 V dc. See Figure 5 for the interface schematic.
7
VDD
Positive Supply Voltage.
8
CTRL
Control Input Voltage. See Figure 6 for the interface schematic.
9
VSS
Negative Supply Voltage.
11
RF2
RF Port 2. This pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is necessary when
the RF line potential is equal to 0 V dc. See Figure 5 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF/dc ground of the PCB.
INTERFACE SCHEMATICS
RFC,
RF1,
RF2
Figure 5. RFx Pins Interface Schematic
VDD
VDD
CTRL
Figure 6. CTRL Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com