Electronic Components Datasheet Search
  English  ▼

X  

ADRF5160 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5160
Description  High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5160 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5160 Datasheet HTML 1Page - Analog Devices ADRF5160 Datasheet HTML 2Page - Analog Devices ADRF5160 Datasheet HTML 3Page - Analog Devices ADRF5160 Datasheet HTML 4Page - Analog Devices ADRF5160 Datasheet HTML 5Page - Analog Devices ADRF5160 Datasheet HTML 6Page - Analog Devices ADRF5160 Datasheet HTML 7Page - Analog Devices ADRF5160 Datasheet HTML 8Page - Analog Devices ADRF5160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADRF5160
Data Sheet
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage Range (VDD)
−0.3 V to +5.4 V
Control Voltage Range (VCTL)
−0.3 V to VDD + 0.3 V
RF Input Power1
49.7 dBm
Channel Temperature
135°C
Maximum Peak Reflow Temperature
(Moisture Sensitivity Level 3 (MSL3))2
260°C
Storage Temperature Range
−65°C to +150°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
4 kV (Class 3A)
Charged Device Model (CDM)
1.25 kV
1
For the recommended operating conditions, see Table 1.
2
See the Ordering Guide for additional information.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 3. Thermal Resistance
Package Type
θJC
Unit
HCP-32-1
8.4
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com