Electronic Components Datasheet Search
  English  ▼

X  

ADRF5160 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5160
Description  High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5160 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5160 Datasheet HTML 4Page - Analog Devices ADRF5160 Datasheet HTML 5Page - Analog Devices ADRF5160 Datasheet HTML 6Page - Analog Devices ADRF5160 Datasheet HTML 7Page - Analog Devices ADRF5160 Datasheet HTML 8Page - Analog Devices ADRF5160 Datasheet HTML 9Page - Analog Devices ADRF5160 Datasheet HTML 10Page - Analog Devices ADRF5160 Datasheet HTML 11Page - Analog Devices ADRF5160 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADRF5160
Data Sheet
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
32
9
16
17
24
25
8
EXPOSED
PAD
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.90
0.85
0.80
0.45
0.40
0.35
0.20 MIN
3.80
3.70 SQ
3.60
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-4.
3.50 REF
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 18. 32-Lead Lead Frame Chip Scale Package [LFCSP]
5 mm × 5 mm Body and 0.85 mm Package Height
(HCP-32-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
MSL Rating2
Package Description
Package Option
ADRF5160BCPZ
−40°C to +105°C
MSL3
32-lead Lead Frame Chip Scale Package [LFCSP]
HCP-32-1
ADRF5160BCPZ-R7
−40°C to +105°C
MSL3
32-lead Lead Frame Chip Scale Package [LFCSP]
HCP-32-1
ADRF5160-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
2
See the Absolute Maximum Ratings section for additional information.
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16518-0-5/18(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com