Electronic Components Datasheet Search
  English  ▼

X  

ADRF5160 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5160
Description  High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5160 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5160 Datasheet HTML 1Page - Analog Devices ADRF5160 Datasheet HTML 2Page - Analog Devices ADRF5160 Datasheet HTML 3Page - Analog Devices ADRF5160 Datasheet HTML 4Page - Analog Devices ADRF5160 Datasheet HTML 5Page - Analog Devices ADRF5160 Datasheet HTML 6Page - Analog Devices ADRF5160 Datasheet HTML 7Page - Analog Devices ADRF5160 Datasheet HTML 8Page - Analog Devices ADRF5160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High Power, 88 W Peak, Silicon SPDT,
Reflective Switch, 0.7 GHz to 4.0 GHz
Data Sheet
ADRF5160
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Reflective, 50 Ω design
Low insertion loss: 0.7 dB typical to 2.0 GHz
High power handling at TCASE = 105°C
Long-term (>10 years) average
CW power: 43 dBm
Peak power: 49 dBm
LTE average power (8 dB PAR): 41 dBm
Single event (<10 sec) average
LTE average power (8 dB PAR): 44 dBm
High linearity
P0.1dB: 47 dBm typical
IP3: 70 dBm typical
ESD ratings
HBM: 4 kV, Class 3A
CDM: 1.25 kV
Single positive supply: 5 V
Positive control, CMOS/TTL compatible
32-lead, 5 mm × 5 mm LFCSP package
APPLICATIONS
Wireless infrastructure
Military and high reliability applications
Test equipment
Pin diode replacement
FUNCTIONAL BLOCK DIAGRAM
ADRF5160
PACKAGE
BASE
GND
GND
RFC
RF2
RF1
VDD VCTL
Figure 1.
GENERAL DESCRIPTION
The ADRF5160 is a silicon-based, high power, 0.7 GHz to
4.0 GHz, silicon, single-pole, double-throw (SPDT) reflective
switch in a leadless, surface-mount package. The switch is ideal
for high power and cellular infrastructure applications, such as
long-term evolution (LTE) base stations. The ADRF5160 has
high power handling of 41 dBm (8 dB PAR LTE, long-term
(>10 years) average typical), a low insertion loss of 0.7 dB typical
to 2.0 GHz, an input third-order intercept (IP3) of 70 dBm
(typical), and a 0.1 dB compression point (P0.1dB) of 47 dBm.
On-chip circuitry operates at a single positive supply voltage of
5 V at a typical supply current of 1.1 mA, making the ADRF5160
an ideal alternative to pin diode-based switches.
The ADRF5160 comes in an RoHS compliant, compact, 32-lead,
5 mm × 5 mm LFCSP.


Similar Part No. - ADRF5160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5162 AD-ADRF5162 Datasheet
712Kb / 11P
High Power, 100 W Peak, Silicon SPDT, Reflective Switch, 0.4 GHz to 8 GHz
Rev. 0
ADRF5162-EVALZ AD-ADRF5162-EVALZ Datasheet
712Kb / 11P
High Power, 100 W Peak, Silicon SPDT, Reflective Switch, 0.4 GHz to 8 GHz
Rev. 0
ADRF5162BCPZN AD-ADRF5162BCPZN Datasheet
712Kb / 11P
High Power, 100 W Peak, Silicon SPDT, Reflective Switch, 0.4 GHz to 8 GHz
Rev. 0
ADRF5162BCPZN-R7 AD-ADRF5162BCPZN-R7 Datasheet
712Kb / 11P
High Power, 100 W Peak, Silicon SPDT, Reflective Switch, 0.4 GHz to 8 GHz
Rev. 0
More results

Similar Description - ADRF5160

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349MS8G HITTITE-HMC349MS8G Datasheet
210Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349MS8G HITTITE-HMC349MS8G_07 Datasheet
260Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC435MS8G HITTITE-HMC435MS8G_07 Datasheet
210Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Analog Devices
ADRF5300 AD-ADRF5300 Datasheet
249Kb / 11P
Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
9/2020-Revision 0
ADRF5132 AD-ADRF5132 Datasheet
362Kb / 12P
High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
8/2019-Rev. A to Rev. B
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5144 AD-ADRF5144 Datasheet
556Kb / 12P
10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com