Electronic Components Datasheet Search
  English  ▼

X  

ADRF5519 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5519
Description  Dual-Channel, 2.3 GHz to 2.8 GHz, 20 W Receiver Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5519 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5519 Datasheet HTML 1Page - Analog Devices ADRF5519 Datasheet HTML 2Page - Analog Devices ADRF5519 Datasheet HTML 3Page - Analog Devices ADRF5519 Datasheet HTML 4Page - Analog Devices ADRF5519 Datasheet HTML 5Page - Analog Devices ADRF5519 Datasheet HTML 6Page - Analog Devices ADRF5519 Datasheet HTML 7Page - Analog Devices ADRF5519 Datasheet HTML 8Page - Analog Devices ADRF5519 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
ADRF5519
Dual-Channel, 2.3 GHz to 2.8 GHz, 20 W Receiver Front End
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Integrated dual-channel RF front end
►
2-stage LNA and high power silicon SPDT switch
►
On-chip bias and matching
►
Single-supply operation
►
High power handling at TCASE = 105°C
►
LTE average power (9 dB PAR) full lifetime: 43 dBm
►
Gain
►
High gain mode: 35 dB typical at 2.6 GHz
►
Low gain mode: 14 dB typical at 2.6 GHz
►
Low noise figure
►
High gain mode: 1.0 dB typical at 2.6 GHz
►
Low gain mode: 1.0 dB typical at 2.6 GHz
►
High isolation
►
RXOUT-CHA and RXOUT-CHB: 45 dB typical
►
TERM-CHA and TERM-CHB: 60 dB typical
►
Low insertion loss: 0.5 dB typical at 2.6 GHz
►
High OIP3: 32 dBm typical
►
Power-down mode and low gain mode
►
Low supply current
►
High gain mode: 110 mA typical at 5 V
►
Low gain mode: 36 mA typical at 5 V
►
Power-down mode: 12 mA typical at 5 V
►
Positive logic control
►
6 mm × 6 mm, 40-lead LFCSP package
►
Pin compatible with the ADRF5545A and ADRF5549
10 W versions
APPLICATIONS
►
Wireless infrastructure
►
TDD massive multiple input and multiple output and active
antenna systems
►
TDD-based communication systems
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADRF5519 is a dual-channel, integrated RF, front-end
multichip module designed for time division duplexing (TDD)
applications that operates from 2.3 GHz to 2.8 GHz. The
ADRF5519 is configured in dual channels with a cascading two-
stage low noise amplifier (LNA) and a high power silicon single-
pole, double-throw (SPDT) switch.
In high gain mode, the cascaded two-stage LNA and switch offer a
low noise figure (NF) of 1.0 dB and a high gain of 35 dB at 2.6 GHz
with an output third-order intercept point (OIP3) of 32 dBm (typical).
In low gain mode, one stage of the two-stage LNA is in bypass,
providing 14 dB of gain at a lower current of 36 mA. In power-down
mode, the LNAs are turned off and the device draws 12 mA.
In transmit operation, RF inputs are connected to a termination pin
(ANT-CHA or ANT-CHB connected to TERM-CHA or TERM-CHB,
respectively). The switch provides a low insertion loss of 0.5 dB and
handles a long-term evolution (LTE) average power (9 dB peak to
average ratio (PAR)) of 43 dBm for full lifetime operation.
The device comes in a RoHS-compliant, compact, 6 mm × 6 mm,
40-lead LFCSP package.


Similar Part No. - ADRF5519

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5515 AD-ADRF5515 Datasheet
410Kb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
11/2020-Revision 0
ADRF5515-EVALZ AD-ADRF5515-EVALZ Datasheet
410Kb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
11/2020-Revision 0
ADRF5515A AD-ADRF5515A Datasheet
1Mb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
6/2021-Revision 0
ADRF5515A-EVALZ AD-ADRF5515A-EVALZ Datasheet
1Mb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
6/2021-Revision 0
ADRF5515ABCPZN AD-ADRF5515ABCPZN Datasheet
1Mb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
6/2021-Revision 0
More results

Similar Description - ADRF5519

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5545A AD-ADRF5545A Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
ADRF5515 AD-ADRF5515 Datasheet
410Kb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
11/2020-Revision 0
ADRF5547 AD-ADRF5547 Datasheet
320Kb / 15P
Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
ADRF5549 AD-ADRF5549 Datasheet
325Kb / 15P
Dual-Channel, 1.8 GHz to 2.8 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
ADTR1107 AD-ADTR1107 Datasheet
929Kb / 28P
6 GHz to 18 GHz, Front-End IC
4/2020-Rev. 0 to Rev. A
ADRF5515A AD-ADRF5515A Datasheet
1Mb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
6/2021-Revision 0
logo
NXP Semiconductors
BTS7203H NXP-BTS7203H Datasheet
343Kb / 22P
2.3 GHz ??2.7 GHz RX Analog Front-End IC
Rev. 7.1-12 October 2021
BTS7205H NXP-BTS7205H Datasheet
348Kb / 22P
2.3 GHz ??2.7 GHz RX Analog Front-End IC with bypass
Rev. 9-12 October 2021
BTS7202H NXP-BTS7202H Datasheet
443Kb / 23P
2.3 GHz – 2.7 GHz RX Front-End Module
Rev. 2 - 8 September 2022
logo
Analog Devices
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com