Electronic Components Datasheet Search
  English  ▼

X  

ADRF5519 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5519
Description  Dual-Channel, 2.3 GHz to 2.8 GHz, 20 W Receiver Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5519 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5519 Datasheet HTML 1Page - Analog Devices ADRF5519 Datasheet HTML 2Page - Analog Devices ADRF5519 Datasheet HTML 3Page - Analog Devices ADRF5519 Datasheet HTML 4Page - Analog Devices ADRF5519 Datasheet HTML 5Page - Analog Devices ADRF5519 Datasheet HTML 6Page - Analog Devices ADRF5519 Datasheet HTML 7Page - Analog Devices ADRF5519 Datasheet HTML 8Page - Analog Devices ADRF5519 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADRF5519
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 16
ELECTRICAL SPECIFICATIONS
VDD1-CHA, VDD1-CHB, VDD2-CHA, VDD2-CHB, and SWVDD-CHAB = 5 V, SWCTRL-CHAB = 0 V or SWVDD-CHAB, BP-CHA = VDD1-CHA
or 0 V, BP-CHB = VDD1-CHB or 0 V, PD-CHAB = 0 V or VDD1-CHA, case temperature (TCASE) = 25°C, and a 50 Ω system, unless otherwise
noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
2.3
2.8
GHz
GAIN1
Receive operation at 2.6 GHz
High Gain Mode
35
dB
Low Gain Mode
14
dB
GAIN FLATNESS1
Receive operation in any 100 MHz bandwidth
High Gain Mode
0.6
dB
Low Gain Mode
0.2
dB
NOISE FIGURE (NF)1
Receive operation at 2.6 GHz
High Gain Mode
1.0
dB
Low Gain Mode
1.0
dB
OUTPUT THIRD-ORDER INTERCEPT POINT (OIP3)1 Receive operation, two-tone output power = 8 dBm per tone at
1 MHz tone spacing
High Gain Mode
32
dBm
Low Gain Mode
27
dBm
OUTPUT 1 dB COMPRESSION (OP1dB)
High Gain Mode
18
dBm
Low Gain Mode
13
dBm
INSERTION LOSS1
Transmit operation at 2.6 GHz
0.5
dB
CHANNEL TO CHANNEL ISOLATION1
At 2.6 GHz
Between RXOUT-CHA and RXOUT-CHB
Receive operation
45
dB
Between TERM-CHA and TERM-CHB
Transmit operation
65
dB
SWITCH ISOLATION
ANT-CHA to TERM-CHA and
ANT-CHB to TERM-CHB1
Receive operation
20
dB
SWITCHING CHARACTERISTICS (tON, tOFF)
50% control voltage to 90%, 10% of RXOUT-CHA or RXOUT-
CHB in receive operation
900
ns
50% control voltage to 90%, 10% of TERM-CHA or TERM‑CHB
in transmit operation
900
ns
DIGITAL INPUT
SWCTRL-CHAB, PD-CHAB, BP-CHA, BP-CHB
Low (VIL)
0
0.63
V
High (VIH)
1.17
VDD
V
SUPPLY CURRENT (IDD)
VDD1-CHx and VDD2-CHx = 5 V per channel
High Gain
110
mA
Low Gain
36
mA
Power-Down Mode
12
mA
Transmit Current (Switch)
SWVDD-CHAB = 5 V
1.55
mA
DIGITAL INPUT CURRENTS
SWCTRL-CHAB, PD-CHAB, BP-CHA, BP-CHB = 5 V per
channel
SWCTRL-CHAB
0.084
mA
PD-CHAB
0.3
mA
BP-CHA, BP-CHB
0.15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com