Electronic Components Datasheet Search
  English  ▼

X  

ADRF5519 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5519
Description  Dual-Channel, 2.3 GHz to 2.8 GHz, 20 W Receiver Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5519 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5519 Datasheet HTML 8Page - Analog Devices ADRF5519 Datasheet HTML 9Page - Analog Devices ADRF5519 Datasheet HTML 10Page - Analog Devices ADRF5519 Datasheet HTML 11Page - Analog Devices ADRF5519 Datasheet HTML 12Page - Analog Devices ADRF5519 Datasheet HTML 13Page - Analog Devices ADRF5519 Datasheet HTML 14Page - Analog Devices ADRF5519 Datasheet HTML 15Page - Analog Devices ADRF5519 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet
ADRF5519
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 12 of 16
TRANSMIT OPERATION
Figure 23. Insertion Loss vs. Frequency at Various Temperatures
Figure 24. Return Loss vs. Frequency
0
–80
–70
–60
1.0
6.0
FREQUENCY (GHz)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–50
–40
–30
–20
–10
T = +25°C
Figure 25. TERM-CHA to TERM-CHB Isolation vs. Frequency
Figure 26. Antenna to Termination Isolation vs. Frequency, LNA On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com