Electronic Components Datasheet Search
  English  ▼

X  

MAX8533 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8533
Description  Smallest, Most Reliable, 12V, Infiniband- Compliant Hot-Swap Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8533 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8533 Datasheet HTML 1Page - Maxim Integrated Products MAX8533 Datasheet HTML 2Page - Maxim Integrated Products MAX8533 Datasheet HTML 3Page - Maxim Integrated Products MAX8533 Datasheet HTML 4Page - Maxim Integrated Products MAX8533 Datasheet HTML 5Page - Maxim Integrated Products MAX8533 Datasheet HTML 6Page - Maxim Integrated Products MAX8533 Datasheet HTML 7Page - Maxim Integrated Products MAX8533 Datasheet HTML 8Page - Maxim Integrated Products MAX8533 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Smallest, Most Reliable, 12V, Infiniband-
Compliant Hot-Swap Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +12V, VEN = 0, TA = 0
°°C to +85°°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, POK to RET .......................................................-0.3V to +16V
GATE to RET ...................................................-0.3V to (VIN + 7V)
OUT, ISET, CTIM to RET ..............................-0.3V to (VIN + 0.3V)
EN, LPEN, OVP to RET .............................................-0.3V to +6V
Continuous Power Dissipation (TA = +70
°C)
10-Pin µMax (derate 5.6 mW/
°C above +70°C).......444.4 mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VB BULK SUPPLY CONTROL
IN Supply Voltage Range
10
12
14
V
ISET Current Source
18.5
20
21.5
µA
Current-Limit Offset Voltage
VISET - VIN
-4
0
+4
mV
OUT Input Current
VOUT = 12V
6
12
µA
Severe Overcurrent Threshold
With respect to current regulation threshold
150
mV
25W OUT Current Regulation
RISET = 3.09k
Ω ±1%, RSENSE = 20mΩ ±1%
2.6
3.1
3.6
A
50W OUT Current Regulation
RISET = 3.09k
Ω ±1%, RSENSE = 10mΩ ±1%
5.2
6.2
7.2
A
GATE PARAMETERS
Gate Response Time to Severe
Overcurrent
VRSENSE
≥ (150mV + current regulation threshold +
50mV) until VGATE begins to slew low (Note 1)
100
ns
Gate Response Time to
Overcurrent
VRSENSE
≥ current regulation threshold + 50mV until
VGATE begins to slew low (Note 1)
600
ns
Gate Turn-On Current
8.4
10
11.6
µA
Overcurrent, VRSENSE
≥ (current regulation threshold +
100mV) (Note 1)
2.7
Gate Pulldown Current
Severe overcurrent
350
mA
Gate High Voltage
VIN + 4 VIN + 5
V
IN PARAMETERS
Quiescent Supply Current
1.5
3
mA
IN UVLO Threshold
Hysteresis = 300mV
7.5
8.4
9.0
V
POK Undervoltage Threshold
Measured at OUT, rising edge, hysteresis = 300mV
9.2
9.6
10.0
V
POK Delay
VPOK rising
100
220
350
µs
POK Output Voltage
VOUT < 9.2V, IPOK = 1.6mA
0.1
0.25
V
POK Leakage Current
VOUT > 10V, VPOK = 14V
0.1
1
µA
EN Rising Threshold
Hysteresis = 120mV
1.3
1.65
2.0
V
EN Pullup Voltage
EN unconnected
4.5
5.5
V
EN Pullup Current
12
20
28
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com