Electronic Components Datasheet Search
  English  ▼

X  

MAX8533 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8533
Description  Smallest, Most Reliable, 12V, Infiniband- Compliant Hot-Swap Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8533 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8533 Datasheet HTML 2Page - Maxim Integrated Products MAX8533 Datasheet HTML 3Page - Maxim Integrated Products MAX8533 Datasheet HTML 4Page - Maxim Integrated Products MAX8533 Datasheet HTML 5Page - Maxim Integrated Products MAX8533 Datasheet HTML 6Page - Maxim Integrated Products MAX8533 Datasheet HTML 7Page - Maxim Integrated Products MAX8533 Datasheet HTML 8Page - Maxim Integrated Products MAX8533 Datasheet HTML 9Page - Maxim Integrated Products MAX8533 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Smallest, Most Reliable, 12V, Infiniband-
Compliant Hot-Swap Controller
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
ISET
Current-Limit Threshold Programming Input. Connect to the low side of the current-limit threshold
programming resistor.
2
IN
Bulk Power Supply. Connect to the input power supply and positive terminal of the current-sense resistor.
3
GATE
External MOSFET-Gate-Drive Output. Connect to the gate of the external N-channel MOSFET. A series
resistor and capacitor connected from GATE to RET sets the turn-on ramp rate. At turn-on, this capacitor is
charged to VIN + 5V (typ) by an internal current source. GATE is pulled to RET when EN is high and/or LPEN
is low. GATE is pulled to RET during a fault condition.
4
CTIM
Current Regulation Time Programming Input. Connect a capacitor from CTIM to RET. The capacitance at
CTIM determines the time delay between an overcurrent event and chip output shutdown (current-limit
timeout). CTIM is pulled low, resetting the fault latch when either EN is high or LPEN is low.
5
RET
Bulk Power Ground
6
OVP
Overvoltage Protection Input. Connect to common point of a resistor-divider from OUT to RET. GATE pulls
low when VOVP exceeds the 2V threshold for at least 1.5ms and the IC is latched off.
7
OUT
Output Voltage. Connect to the output of the circuit.
8POK
Power-Good Output. POK is an open-drain output that becomes high impedance when VOUT reaches 9.6V. Pull
POK up to the supply rail using an external pullup resistor. POK is pulled to RET until the MAX8533 is enabled.
9
LPEN
Local Power-Enable Input. LPEN is a positive-assertion enable input to turn on the IC. Pull LPEN low to
disable the output. LPEN has an internal pullup to 5V.
10
EN
Chip-Enable Input. EN is an active-low input that enables the IC.
Detailed Description
The MAX8533 is a single-port, 12V, IB-compliant versa-
tile hot-swap controller IC designed for applications
where a line card is inserted into a live backplane. The
MAX8533 can be implemented in both IB Class I (non-
isolated) and Class II (isolated) power-topology appli-
cations. Normally, when a line card is plugged into a
live backplane, the low impedance of the card’s dis-
charged filter capacitors can momentarily collapse the
input supply voltage. The MAX8533 is designed to
reside on the line card and to provide inrush current-
limiting and short-circuit protection. This is achieved
using an external N-channel MOSFET, current-sense
resistor, and current-limit set resistor, along with two
on-chip comparators (Figure 1).
UVLO and Startup
The MAX8533 has an undervoltage lockout protection
circuit. The circuit is disabled when VIN is below 8.4V
(typ). The gate of the MOSFET, CTIM, LPEN, and POK is
pulled to RET until VIN exceeds the UVLO threshold.
Once VIN exceeds the UVLO threshold and LPEN and
EN are enabled, the capacitor on the gate of the exter-
nal MOSFET is charged and the MOSFET turns on. The
charging of this capacitor provides soft-start to prevent
high inrush currents.
On/Off Control
The MAX8533 is enabled/disabled using LPEN and EN.
Drive EN low and LPEN high to enable the device. LPEN
can also be left unconnected as it is internally connected
to 5V. Drive LPEN low or EN high to disable the output.
Table 1 is the truth table for these inputs.
EN
LPEN
OUTPUT
0
0
OFF
01
ON
1
0
OFF
1
1
OFF
Table 1. Truth Table
Zero is a logic-low input, 1 is a logic-high input or unconnected
input.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com