Electronic Components Datasheet Search
  English  ▼

X  

MAX8533 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8533
Description  Smallest, Most Reliable, 12V, Infiniband- Compliant Hot-Swap Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8533 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8533 Datasheet HTML 1Page - Maxim Integrated Products MAX8533 Datasheet HTML 2Page - Maxim Integrated Products MAX8533 Datasheet HTML 3Page - Maxim Integrated Products MAX8533 Datasheet HTML 4Page - Maxim Integrated Products MAX8533 Datasheet HTML 5Page - Maxim Integrated Products MAX8533 Datasheet HTML 6Page - Maxim Integrated Products MAX8533 Datasheet HTML 7Page - Maxim Integrated Products MAX8533 Datasheet HTML 8Page - Maxim Integrated Products MAX8533 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HOT PLUG WITH 10V INPUT
INTO 50W LOAD
MAX8533 toc01
VIN
IIN
VOUT
VPOK
10V/div
0A
10V/div
0V
20ms/div
5A/div
0V
0V
10V/div
HOT PLUG WITH 14V INPUT
INTO 65W LOAD
MAX8533 toc02
VIN
IIN
VOUT
VPOK
10V/div
0A
10V/div
0V
20ms/div
5A/div
0V
0V
10V/div
HOT PLUG INTO SHORT CIRCUIT
MAX8533 toc03
VIN
IIN
VOUT
VPOK
0A
0V
20ms/div
5A/div
0V
0V
10V/div
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
ON/OFF CONTROL WITH EN TOGGLED
MAX8533 toc04
VEN
IIN
VOUT
VPOK
10V/div
0A
0V
200ms/div
5A/div
0V
0V
10V/div
10V/div
ON/OFF CONTROL WITH LPEN TOGGLED
MAX8533 toc05
VLPEN
IIN
VOUT
VPOK
10V/div
0A
0V
200ms/div
5A/div
0V
0V
5V/div
10V/div
Smallest, Most Reliable, 12V, Infiniband-
Compliant Hot-Swap Controller
4
_______________________________________________________________________________________
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LPEN Rising Threshold
Hysteresis = 120mV
1.3
2.0
V
LPEN Pullup Voltage
LPEN unconnected
4.5
V
LPEN Pullup Current
12
28
µA
OVP Threshold Voltage
Hysteresis = 10mV, VOVP rising
1.96
2.04
V
CTIM PARAMETERS
CTIM Charging Current
VCTIM < 1.5V
15
25
µA
CTIM Fault Pullup Current
VCTIM = 6V
6
12
mA
Current-Limit Timeout Threshold
Voltage
1.4
2.2
V
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +12V, VEN = 0, TA = -40
°°C to +85°°C, unless otherwise noted.) (Note 2)
Note 1: The current regulation threshold is set by R3 (Figure 2). It is equal to 20µA x R3.
Note 2: Specifications to -40
°C are guaranteed by design and not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com