Electronic Components Datasheet Search
  English  ▼

X  

80C196MD Datasheet(PDF) 15 Page - Intel Corporation

Part # 80C196MD
Description  8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C196MD Datasheet(HTML) 15 Page - Intel Corporation

Back Button 80C196MD Datasheet HTML 11Page - Intel Corporation 80C196MD Datasheet HTML 12Page - Intel Corporation 80C196MD Datasheet HTML 13Page - Intel Corporation 80C196MD Datasheet HTML 14Page - Intel Corporation 80C196MD Datasheet HTML 15Page - Intel Corporation 80C196MD Datasheet HTML 16Page - Intel Corporation 80C196MD Datasheet HTML 17Page - Intel Corporation 80C196MD Datasheet HTML 18Page - Intel Corporation 80C196MD Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
®
15
P0.7
P0.6
P0.5
P0.4
P0.3:0
I
Port 0. This is a high-impedance, input-only port. Port 0 pins
should not be left floating.
These pins may individually be used as analog inputs
(ACH
x) or digital inputs (P0.x). While it is possible for the pins
to function simultaneously as analog and digital inputs, this is
not recommended because reading port 0 while a conversion
is in process can produce unreliable conversion results.
ANGND and V
REF must be connected for port 0 and the A/D
converter to function.
ACH7/T1DIR/PMODE.3
ACH6/T1CLK/PMODE.2
ACH5/PMODE.1
ACH4/PMODE.0
ACH3:0
P1.3
P1.2
P1.1
P1.0
I
Port 1. This is a 4-bit, bidirectional, standard I/O port that is
multiplexed with individually selectable special-function
signals. (Used as PBUS.15:12 in Auto-programming Mode.)
RXD1
TXD1
RXD0
TXD0
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
I/O
Port 2. This is an 8-bit, bidirectional, standard I/O port that is
multiplexed with individually selectable special-function
signals. P2.6 is multiplexed with a special test mode function.
To prevent accidental entry into test modes, always configure
P2.6 as an output.
SCLK1#/BCLK1
COMP2/CPVER
COMP1/PACT#
COMP0/AINC#
COMP3
EPA1/PROG#
SCLK0#/BCLK0/PALE#
EPA0/PVER
P3.7:0
I/O
Port 3. This is an 8-bit, bidirectional, memory-mapped I/O
port with open-drain outputs. The pins are shared with the
multiplexed address/data bus, which has complementary
drivers.
In programming modes, port 3 serves as the low byte of the
programming bus (PBUS).
AD7:0/PBUS.7:0
P4.7:0
I/O
Port 4. This is an 8-bit, bidirectional, memory-mapped I/O
port with open-drain outputs. The pins are shared with the
multiplexed address/data bus, which has complementary
drivers.
In programming modes, port 4 serves as the high byte of the
programming bus (PBUS).
AD15:8/PBUS.15:8
P5.7
P5.6
P5.5
P5.4
P5.3
P5.2
P5.1
P5.0
I/O
Port 5. This is an 8-bit, bidirectional, standard I/O port that is
multiplexed with individually selectable control signals.
Because P5.4 is multiplexed with the ONCE# function,
always configure it as an output to prevent accidental entry
into ONCE mode.
BUSWIDTH
READY
BHE#/WRH#
ONCE#
RD#
WR#/WRL#
INST
ALE/ADV#
Table 7. Signal Descriptions (Continued)
Signal
Name
Type
Description
Multiplexed
With



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com