Electronic Components Datasheet Search
  English  ▼

X  

80C196MD Datasheet(PDF) 4 Page - Intel Corporation

Part # 80C196MD
Description  8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C196MD Datasheet(HTML) 4 Page - Intel Corporation

  80C196MD Datasheet HTML 1Page - Intel Corporation 80C196MD Datasheet HTML 2Page - Intel Corporation 80C196MD Datasheet HTML 3Page - Intel Corporation 80C196MD Datasheet HTML 4Page - Intel Corporation 80C196MD Datasheet HTML 5Page - Intel Corporation 80C196MD Datasheet HTML 6Page - Intel Corporation 80C196MD Datasheet HTML 7Page - Intel Corporation 80C196MD Datasheet HTML 8Page - Intel Corporation 80C196MD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
®
4
Table 2. 8XC196MH Memory Map
Address
(1)
Description
Notes
0FFFFH
0A000H
External Memory
09FFFH
02080H
Internal ROM/OTPROM or External Memory
0207FH
0205EH
Reserved
1, 2
0205DH
02040H
PTS Vectors
0203FH
02030H
Interrupt Vectors (upper)
0202FH
02020H
ROM/OTPROM Security Key
0201FH
0201CH
Reserved
1, 2
0201BH
Reserved (must contain 20H)
0201AH
CCB1
02019H
Reserved (must contain 20H)
02018H
CCB0
02017H
02014H
Reserved
02013H
02000H
Interrupt Vectors (lower)
01FFFH
01F00H
Internal SFRs
1
1EFFH
300H
External Memory
2FFH
18H
Register RAM
3
17H
00H
CPU SFRs
1
NOTES:
1.
Unless otherwise noted, write 0FFH to reserved memory locations and write 0 to reserved SFR bits.
2.
WARNING: The contents and/or function of reserved locations may change with future revisions of the
device.
3.
Code executed in locations 0000H to 02FFH will be forced external.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com