Electronic Components Datasheet Search
  English  ▼

X  

80C196MD Datasheet(PDF) 27 Page - Intel Corporation

Part # 80C196MD
Description  8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C196MD Datasheet(HTML) 27 Page - Intel Corporation

Back Button 80C196MD Datasheet HTML 23Page - Intel Corporation 80C196MD Datasheet HTML 24Page - Intel Corporation 80C196MD Datasheet HTML 25Page - Intel Corporation 80C196MD Datasheet HTML 26Page - Intel Corporation 80C196MD Datasheet HTML 27Page - Intel Corporation 80C196MD Datasheet HTML 28Page - Intel Corporation 80C196MD Datasheet HTML 29Page - Intel Corporation 80C196MD Datasheet HTML 30Page - Intel Corporation 80C196MD Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
®
27
BUSWIDTH TIMING
Figure 9. BUSWIDTH Timing Diagram
EXTERNAL CLOCK DRIVE
Table 12. External Clock Drive Timing
Symbol
Parameter
Min
Max
Units
1/T
XLXL
Oscillator Frequency
8
16
MHz
T
XLXL
Oscillator Period (T
OSC)
62.5
125
ns
T
XHXX
High Time
22
ns
T
XLXX
Low Time
22
ns
T
XLXH
Rise Time
10
ns
T
XHXL
Fall Time
10
ns
A2545-01
Data In
BUSWIDTH
Bus
ALE
XTAL1
TOSC
TAVGV
TLLGV
TLLGX
Address Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com