Electronic Components Datasheet Search
  English  ▼

X  

L9963E Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 4Page - STMicroelectronics L9963E Datasheet HTML 5Page - STMicroelectronics L9963E Datasheet HTML 6Page - STMicroelectronics L9963E Datasheet HTML 7Page - STMicroelectronics L9963E Datasheet HTML 8Page - STMicroelectronics L9963E Datasheet HTML 9Page - STMicroelectronics L9963E Datasheet HTML 10Page - STMicroelectronics L9963E Datasheet HTML 11Page - STMicroelectronics L9963E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 184 page
background image
Pin #
Pin name
Description
I/O type(1)
36
C4
Cell voltage input. Connect to the positive terminal of 4th cell.
AI
37
C5
Cell voltage input. Connect to the positive terminal of 5th cell.
AI
38
S5
Cell balancing FET control output for 5th cell.
AO
39
B6_5
Common terminal for cell balancing S5 and S6.
AO
40
S6
Cell balancing FET control output for 6th cell.
AO
41
C6
Cell voltage input. Connect to the positive terminal of 6th cell.
AI
42
C7
Cell voltage input. Connect to the positive terminal of 7th cell.
AI
43
S7
Cell balancing FET control output for 7th cell.
AO
44
B8_7
Common terminal for cell balancing S7 and S8.
AO
45
S8
Cell balancing FET control output for 8th cell.
AO
46
C8
Cell voltage input. Connect to the positive terminal of 8th cell.
AI
47
C9
Cell voltage input. Connect to the positive terminal of 9th cell.
AI
48
S9
Cell balancing FET control output for 9th cell.
AO
49
B10_9
Common terminal for cell balancing S9 and S10.
AO
50
S10
Cell balancing FET control output for 10th cell.
AO
51
C10
Cell voltage input. Connect to the positive terminal of 10th cell.
AI
52
C11
Cell voltage input. Connect to the positive terminal of 11th cell.
AI
53
S11
Cell balancing FET control output for 11th cell.
AO
54
B12_11
Common terminal for cell balancing S11 and S12.
AO
55
S12
Cell balancing FET control output for 12th cell.
AO
56
C12
Cell voltage input. Connect to the positive terminal of 12th cell.
AI
57
C13
Cell voltage input. Connect to the positive terminal of 13th cell.
AI
58
S13
Cell balancing FET control output for 13th cell.
AO
59
B14_13
Common terminal for cell balancing S13 and S14.
AO
60
S14
Cell balancing FET control output for 14th cell.
AO
61
C14
Cell voltage input. Connect to the positive terminal of 14th cell.
AI
62
VBAT
Power supply of chip. This pin is also sensed by internal ADC through a voltage
divider. Refer to Table 73.
P
63
CAP2
Pin2 external bootstrap capacitance. Refer to Table 73.
AI
64
CAP1
Pin1 external bootstrap capacitance. Refer to Table 73.
AI
-
GNDEP
Ground terminal, connect to AGND plane
G
1. I/O type legend: AI = Analog Input; AO = Analog Output; AIO = Analog I/O; DI = Digital Input; DO = DigitalOutput; DIO =
Digital I/O; P = Power; G = Ground; NC = Not Connect.
L9963E
Pin description
DS13636 - Rev 4
page 8/184