Electronic Components Datasheet Search
  English  ▼

X  

L9963E Datasheet(PDF) 86 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 86 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 82Page - STMicroelectronics L9963E Datasheet HTML 83Page - STMicroelectronics L9963E Datasheet HTML 84Page - STMicroelectronics L9963E Datasheet HTML 85Page - STMicroelectronics L9963E Datasheet HTML 86Page - STMicroelectronics L9963E Datasheet HTML 87Page - STMicroelectronics L9963E Datasheet HTML 88Page - STMicroelectronics L9963E Datasheet HTML 89Page - STMicroelectronics L9963E Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 184 page
background image
Figure 23. Routine execution modes: on-demand and cyclic executions
The execution modes follow a priority concept:
•
Configuration Override has high priority, since its purpose is to perform diagnostics upon failure detection
in order to validate the catch. It can interrupt any ongoing activity and, once done, Voltage conversion
routine is moved to Idle state, waiting for the microcontroller to interpret the diagnostic data[end]
•
On-Demand Conversions have low priority. They are meant to allow microcontroller performing
measurements or diagnostics at specific time instants. They cannot co-exist with Cyclic Conversions:
to run an on-demand conversion, cyclic conversions have to be disabled and MCU has to wait for their
termination (monitor the DUTY_ON flag). On the other hand On-Demand Conversions cannot interrupt
themselves, nor a Configuration Override[end]
•
Cyclic Conversionshave low priority. Their purpose is mainly to monitor battery pack and L9963E status.
However, they can also be used to periodically retrieve measurement data. They can be interrupted by
Configuration Override. They cannot co-exist with On-Demand Conversions: before enabling cyclic
conversions, MCU must wait for any ongoing on-demand conversion to end first (monitor the DUTY_ON
flag).
In general, microcontroller is able to determine L9963E activity by performing a read operation on the
ADCV_CONV register and observing the following bit:
Table 56. Voltage conversion routine status
SOC (status
upon readback)
OVR_LATCH CONF_CYCLIC_EN DUTY_ON
Device status
0
0
0
0
Idle
0
0
0
1
Not possible
0
0
1
0
Cyclic activity, (idle phase)
0
0
1
1
Cyclic activity, (duty phase)
0
1
0
0
Idle (last execution set the override latch)
0
1
0
1
Not possible
L9963E
Voltage conversion routine
DS13636 - Rev 4
page 86/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com