Electronic Components Datasheet Search
  English  ▼

X  

L9963E Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 11Page - STMicroelectronics L9963E Datasheet HTML 12Page - STMicroelectronics L9963E Datasheet HTML 13Page - STMicroelectronics L9963E Datasheet HTML 14Page - STMicroelectronics L9963E Datasheet HTML 15Page - STMicroelectronics L9963E Datasheet HTML 16Page - STMicroelectronics L9963E Datasheet HTML 17Page - STMicroelectronics L9963E Datasheet HTML 18Page - STMicroelectronics L9963E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 184 page
background image
During Sleep state, the current consumption is significantly reduced to ISLEEP current value: only the
Communication wake up sources monitoring, low-speed oscillator for cyclic wake up timer, and the corresponding
reference and power supply are activated.
Different events can cause a wake up, depending on the configuration decided by the microcontroller:
•
ISO COMM/ SPI SIGNAL: this wake-up during a regular SLEEP mode state moves the L9963 FSM to Init
or Normal State. A proper signal will be detected as pre-wake up (simple edge readout), and later it must be
followed by a wake-up signal that will be decoded by the L9963 which, in the meanwhile, has entered in a
higher consumption mode (regulators turned ON, isolated RX/TX enabled). Any protocol frame recognized
as electrically consistent will wake up the device. However, the command will not be interpreted and thus no
execution takes place;
•
INTERNAL COUNTER: it is possible that the microcontroller defines an automatic wake up of L9963 (when
put in SLEEP mode) every TCYCLE_SLEEP, in order to perform the diagnostics in the CYCLIC WAKEUP
state;
•
GPIO SIGNAL: In case GPIO7 is configured as wake up source (GPIO7_WUP_EN = 1), a high logic level
on it will wake up L9963;
•
FAULT: in case a fault is detected in an upper L9963, a proper signal is communicated through the FAULT
line. The receiver connected to GPIO1/FAULTH pin will detect the event and the device will be forced to
evolve into the normal state, in order to transmit the fault downward.
The wake-up event coming from external wake up sources is verified by the stby logic (pattern confirmation step)
before waking up the main logic (the main logic is kept under reset and its clock is gated off until the Sleep state is
left).
The wakeup sequence lasts TWAKEUP.
4.1.1.2
Operations in Sleep state
Only the Stand-by logic is working in Sleep state.
Table 7. Operations in Sleep state
Operation
Timing mode
Functions involved
Wake up Management
Always ON
Timers, Pin Input Buffer and ISO lines receiver ON. External sources activity
detection, receivers and input buffers powered
Awakening Pattern Detection
Once
Comparison logic
4.1.2
Init state
In Init state, after having been woken up, the device waits for the uP to send the Address assignment command.
Refer to Section 4.1.2.2 Addressing procedure.
If the address command is received before the Init timer expires (t_SHUT), the device address is stored into a
stand-by logic register (chip_ID) and the device goes to Normal state.
The chip_ID field is then locked and no longer editable. Two actions can correctly re-initialize the device
(including the chip_ID):
•
Hard reset: (POR_STBY)
•
Soft reset: it is recommended to set SW_RST and GO2SLP in the same frame
–
Note that Soft reset will leave communication timeout (CommTimeout) unmodified
–
Note that Soft reset will also clear the chip_ID
–
If only SW_RST is sent, the device will wait for CommTimeout and then move to Sleep state
If the Init timer (t_SHUT) expires before the command is received, the device goes back to Sleep state.
All references are powered, interfaces are ready data transmission. The commands sent by the micro-controller
can be read from both ISO lines and SPI pins. However, while in Init state, only the chip_ID, isotx_en_h and
iso_freq_sel fields are writable. It is not possible to write/read other registers.
Any failure is masked until the device receives an address.
L9963E
Device functional state
DS13636 - Rev 4
page 15/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com