Electronic Components Datasheet Search
  English  ▼

X  

MAX20004E Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX20004E
Description  Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20004E Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX20004E Datasheet HTML 9Page - Maxim Integrated Products MAX20004E Datasheet HTML 10Page - Maxim Integrated Products MAX20004E Datasheet HTML 11Page - Maxim Integrated Products MAX20004E Datasheet HTML 12Page - Maxim Integrated Products MAX20004E Datasheet HTML 13Page - Maxim Integrated Products MAX20004E Datasheet HTML 14Page - Maxim Integrated Products MAX20004E Datasheet HTML 15Page - Maxim Integrated Products MAX20004E Datasheet HTML 16Page - Maxim Integrated Products MAX20004E Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Applications Information
Maximum Output Current
While there are device versions that supply up to 8A, there are many factors that may limit the average output current
to less than the maximum. The devices can be thermally limited based on the selected fSW, number of PCB layers,
PCB size, and the maximum ambient temperature. See the Typical Operating Characteristics section for guidance on the
maximum average current. For a more precise value, the θJA needs to be measured in the application environment.
Setting the Output Voltage
Connect FB to BIAS for a fixed 5V, 3.3V, or 3.9V output voltage. To set the output to other voltages between 1V and 5V,
connect a resistor-divider from the FB output (OUT) to GND (see Figure 1). Select RFB2 (FB to GND resistor) less than
or equal to 100kΩ. Calculate RFB1 (OUT to FB resistor) with the following equation:
Equation 1:
RFB1 = RFB2
[[VOUT
VFB
]−1
]
where VFB is the feedback regulation voltage. See the Electrical Characteristics table.
Add a capacitor, CFB1, as shown to compensate the pole formed by the divider resistance and FB pin capacitance as
follows:
Equation 2:
CFB1 = 10pF ×
[RFB2
RFB1
]
Note: Applications that use a resistor-divider to set output voltages below 4.5V should use IC versions that are
factory-trimmed for 3.3V/3.9V fixed output voltage to ensure full output current capability.
MAX20004E/
MAX20006E/
MAX20008E
FB
RFB1
RFB2
VOUT
CFB1
Figure 1. Adjustable Output Voltage Setting
MAX20004E/MAX20006E/
MAX20008E
Automotive, 36V, 4A/6A/8A Integrated Step-Down
Converters with Integrated Compensation
www.maximintegrated.com
Maxim Integrated | 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com