Electronic Components Datasheet Search
  English  ▼

X  

MAX20004E Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX20004E
Description  Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20004E Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX20004E Datasheet HTML 12Page - Maxim Integrated Products MAX20004E Datasheet HTML 13Page - Maxim Integrated Products MAX20004E Datasheet HTML 14Page - Maxim Integrated Products MAX20004E Datasheet HTML 15Page - Maxim Integrated Products MAX20004E Datasheet HTML 16Page - Maxim Integrated Products MAX20004E Datasheet HTML 17Page - Maxim Integrated Products MAX20004E Datasheet HTML 18Page - Maxim Integrated Products MAX20004E Datasheet HTML 19Page - Maxim Integrated Products MAX20004E Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
∆ IL =
(VSUP−VOUT)×VOUT
VSUP × fSW × L
and:
CIN =
IOUT × D(1 − D)
∆ VQ × fSW
D =
VOUT
VSUPSW
where: IOUT is the maximum output current and D is the duty cycle.
Output Capacitor
Output capacitance is selected to satisfy the output load-transient, output-voltage ripple, and closed-loop stability
requirements. During a load step, the output current changes almost instantaneously, whereas the inductor is slow to
react. During this transition time, the load-charge requirements are supplied by the output capacitor, which causes an
undershoot/overshoot in the output voltage. For a buck converter that is controlled by peak-current, as employed in
MAX20004E/MAX20006E/MAX20008E, output capacitance also affects the control-loop stability.
The output ripple comprises ΔVQ (caused by the capacitor discharge) and ΔVESR(caused by the ESR of the output
capacitor). Use low-ESR ceramic or aluminum electrolytic capacitors at the output. For aluminum electrolytic capacitors,
the entire output ripple is contributed by ΔVESR. Use Equation 4 to calculate the ESR requirement and choose the
capacitor accordingly. If using ceramic capacitors, assume the contribution to the output-ripple voltage from the ESR and
the capacitor discharge to be equal. The following equations show the output capacitance and ESR requirement for a
specified output-voltage ripple.
Equation 9:
ESR =
ΔVESR
ΔIp−p
COUT =
ΔIp−p
8 × ΔVQ × fSW
where
ΔIp − p =
(VIN − VOUT) × VOUT
VIN × fSW × L
VOUT_RIPPLE = ΔVESR + ΔVQ
ΔIP-P is the peak-to-peak inductor current as calculated above, and fSW is the converter’s switching frequency.
The output capacitor supplies the step-load current until the converter responds with a greater duty cycle. The resistive
drop across the output capacitor’s ESR and the capacitor discharge causes a voltage droop during a step load. Use a
combination of low-ESR tantalum and ceramic capacitors for better transient-load and ripple/noise performance. Keep
the maximum output-voltage deviations below the tolerable limits of the electronics being powered. When using a ceramic
capacitor, assume an 80% and 20% contribution from the output-capacitance discharge and the ESR drop, respectively.
Use the following equations to calculate the required ESR and capacitance value:
Equation 10:
ESROUT =
ΔVESR
ISTEP
COUT ≥
(
ISTEP
2 × L
2 × (VIN − VOUT) × DMAX × ΔVQ
)+(ISTEP×tDELAY
ΔVQ
)
where ISTEP is the load step and tDELAY is the delay for the PWM mode, the worst-case delay would be (1-D) tSW when
MAX20004E/MAX20006E/
MAX20008E
Automotive, 36V, 4A/6A/8A Integrated Step-Down
Converters with Integrated Compensation
www.maximintegrated.com
Maxim Integrated | 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com