Electronic Components Datasheet Search
  English  ▼

X  

MAX20004E Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX20004E
Description  Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20004E Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX20004E Datasheet HTML 13Page - Maxim Integrated Products MAX20004E Datasheet HTML 14Page - Maxim Integrated Products MAX20004E Datasheet HTML 15Page - Maxim Integrated Products MAX20004E Datasheet HTML 16Page - Maxim Integrated Products MAX20004E Datasheet HTML 17Page - Maxim Integrated Products MAX20004E Datasheet HTML 18Page - Maxim Integrated Products MAX20004E Datasheet HTML 19Page - Maxim Integrated Products MAX20004E Datasheet HTML 20Page - Maxim Integrated Products MAX20004E Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
6/19
Initial release
-
1
7/19
Updated Electrical Characteristics, Applications Information, and Ordering Information
4, 5, 12,
17
2
8/19
Updated Applications Information and Ordering Information
14, 16, 17
3
10/19
Remove the FC2QFN from Package Information, remove the F173A3FY+5 from Pin
Configurations, remove MAX20006EAFOC/VY+, add MAX20004EAFOB/VY+
3, 8, 17
4
1/20
Removed future-product notation from MAX20006EAFOA/VY+ and MAX20006EAFOB/VY+
in Ordering Information
17
5
5/20
Updated Pin Configurations, Pin Descriptions, and Applications Information
8, 9, 17,
19
6
7/20
Updated General Description, Electrical Characteristics, Pin Descriptions, Detailed
Description, Typical Application Circuits, and Ordering Information
1, 3, 4, 8,
10, 20
For pricing, delivery, and ordering information, please visit Maxim Integrated’s online storefront at https://www.maximintegrated.com/en/storefront/storefront.html.
Maxim Integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim Integrated product. No circuit patent
licenses are implied. Maxim Integrated reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and max
limits) shown in the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
MAX20004E/MAX20006E/
MAX20008E
Automotive, 36V, 4A/6A/8A Integrated Step-Down
Converters with Integrated Compensation
Maxim Integrated and the Maxim Integrated logo are trademarks of Maxim Integrated Products, Inc.
© 2020 Maxim Integrated Products, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com