Electronic Components Datasheet Search
  English  ▼

X  

MAX20029BATIBV Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX20029BATIBV
Description  Automotive Quad/Triple Low-Voltage Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20029BATIBV Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX20029BATIBV Datasheet HTML 5Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 6Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 7Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 8Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 9Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 10Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 11Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 12Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PIN
NAME
FUNCTION
14
OUTS3
Buck 3 Voltage Sense Input
15
PV3
Buck 3 Voltage Input. Connect a 2.2µF or larger ceramic capacitor from PV3 to PGND3 as close
as possible to the device.
16
LX3
Buck3SwitchingNode.LX3ishighimpedancewhenthedeviceisoff.
17
PGND3
Power Ground for Buck 3
18
PGND4
Power Ground for Buck 4
19
LX4
Buck4SwitchingNode.LX4ishighimpedancewhenthedeviceisoff.
20
PV4
Buck 4 Voltage Input. Connect a 2.2µF or larger ceramic capacitor from PV4 to PGND4 as close
as possible to the device.
21
EN4
Active-High Digital Enable Input for Buck 4. Driving EN4 high enables Buck 4.
22
OUTS4
Buck 4 Voltage Sense Input
23
PG4
Open-Drain, Active-High, Power-Good Output for Buck 4. To obtain a logic signal, pull up PG4
with an external resistor connected to a positive voltage equal to or lower than VA.
24
GND
Analog Ground
25
SYNC
SYNC Input. Supply an external clock to control the switching frequency. Connect SYNC to
PGND_ to use the default switching frequency.
26
VA
Analog Voltage Supply. Connect a 1µF or larger ceramic capacitor from VA to GND as close as
possible to the device. Connect to the same supply as PV_ inputs.
27
PG1
Open-Drain, Active-High, Power-Good Output for Buck 1. To obtain a logic signal, pull up PG1
with an external resistor connected to a positive voltage equal to or lower than VA.
28
OUTS1
Buck 1 Voltage Sense Input
—
EP
Exposed Pad. Connect the exposed pad to ground. Connecting the exposed pad to ground does
not remove the requirement for proper ground connections to PGND1–PGND4 and GND. The
exposed pad is attached with epoxy to the substrate of the die, making it an excellent path to
remove heat from the IC.
MAX20029/MAX20029B/
MAX20029C/MAX20029D
Automotive Quad/Triple Low-Voltage
Step-Down DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 9
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com