Electronic Components Datasheet Search
  English  ▼

X  

MAX20029BATIBV Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX20029BATIBV
Description  Automotive Quad/Triple Low-Voltage Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20029BATIBV Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX20029BATIBV Datasheet HTML 1Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 2Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 3Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 4Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 5Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 6Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 7Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 8Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PV_ to PGND_ .....................................................-0.3V to +6.0V
VA to GND............................................................-0.3V to +6.0V
OUTS_,EN_,PG_,SYNCtoGND...............-0.3V to VA + 0.3V
PV_ to PV_...........................................................-0.3V to +0.3V
PGND_ to GND....................................................-0.3V to +0.3V
LX_ to PGND...............................................-1.0V to PV_ + 0.3V
LX_ Continuous RMS Current..............................................2.0A
Output Short-Circuit Duration....................................Continuous
Continuous Power Dissipation (TA = +70ºC)
28-pin TQFN (derate 28.6mW/ºC above +70ºC).......2285mW
Operating Temperature Range..........................-40ºC to +125ºC
Junction Temperature......................................................+150ºC
Storage Temperature Range.............................-65ºC to +150ºC
Lead Temperature (soldering, 10s) .................................+300ºC
Soldering Temperature (reflow).......................................+260ºC
28 TQFN
Junction-to-AmbientThermalResistance(θJA) ..........35°C/W
Junction-to-CaseThermalResistance(θJC).....................3°C/W
(Note 1)
(VA = VPV1 = VPV2 = VPV3 = VPV4 = 5.0V; TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C under
normal conditions, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
Supply Voltage Range
VPV_
Fully operational
3.0
5.5
V
Supply Current
IPV0
No load, no switching,
VEN1 = VEN2 = VEN3 = VEN4 = VPV_
2.5
3.8
5
mA
Shut-OffCurrent
IVPSD
VEN1 = VEN2 =
VEN3 = VEN4 =
VGND
TA = +25°C
0.1
2
µA
TA = +125°C
2
Overvoltage Threshold
Rising
5.6
5.8
6
V
Hysteresis
0.1
UVLOThreshold
VPV_ falling
2.68
V
VPV_ falling (MAX20029D)
2.6
VPV_ rising
3.0
PWM Switching Frequency
fSW
2.0
2.2
2.4
MHz
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
28 TQFN-EP
T2855+5
21-0140
90-0025
Package Information
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
MAX20029/MAX20029B/
MAX20029C/MAX20029D
Automotive Quad/Triple Low-Voltage
Step-Down DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 3
Absolute Maximum Ratings
Package Thermal Characteristics
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com