Electronic Components Datasheet Search
  English  ▼

X  

MAX20029BATIBV Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX20029BATIBV
Description  Automotive Quad/Triple Low-Voltage Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20029BATIBV Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX20029BATIBV Datasheet HTML 8Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 9Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 10Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 11Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 12Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 13Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 14Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 15Page - Maxim Integrated Products MAX20029BATIBV Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Spread-Spectrum Option
The PMICs feature a linear spread-spectrum (SS)
operation, which varies the internal operating frequency
between fSW and (fSW + 3%). The internal oscillator is
frequency modulated at a rate of 1.5kHz with a frequency
deviation of 3% (see Figure 3). This function does
not apply to an oscillation frequency applied externally
through the SYNC pin. Spread spectrum is a factory-
selectable option. See the Selector Guide for available
options.
Synchronization (SYNC)
The PMICs feature a SYNC input to allow the internal
oscillator to synchronize with an external clock. SYNC
accepts signal frequencies in the range of 1.7MHz <
fSYNC < 2.5MHz. Connect to PGND_ if the SYNC feature
is not used.
Current-Limit/Short-Circuit Protection
The PMICs offer a current-limit feature that protects the
devices against short-circuit and overload conditions on
each output. In the event of a short-circuit or overload
condition at an output, the high-side MOSFET remains on
until the inductor current reaches the high-side MOSFET’s
current-limit threshold. The converter then turns on the
low-side MOSFET and the inductor current ramps down.
The converter allows the high-side MOSFET to turn on
only when the inductor current ramps down to the low-
side MOSFET’s current threshold. This cycle repeats until
the short or overload condition is removed.
Overtemperature Protection
Thermal-overload protection limits the total power dissipa-
tion in the PMICs. When the junction temperature exceeds
185°C (typ), an internal thermal sensor shuts down the
step-down converters, allowing the IC to cool. The thermal
sensor turns on the IC again after the junction temperature
cools by 15°C. The IC goes through a standard power-up
sequence as defined in the Soft-Start section.
Applications Information
Adjustable Output-Voltage Option
The MAX20029/MAX20029B PMICs feature adjustable
output voltages (see the Selector Guide for more details),
which allows the customer to set the outputs to any volt-
age between 1.0V and VPV_ - 0.5V (up to 4.0V). Connect
a resistive divider from output (VOUT_)toOUTS_toGND
to set the output voltage (see Figure 4).SelectR2(OUTS_
totheGNDresistor)≤100kΩ.CalculateR1(VOUT_ to the
OUTS_resistor)withthefollowingequation:
OUT_
OUTS_
V
R1 R2
1
V




=
−




where VOUTS_ = 1.0V (see the Electrical Characteristics
table). The output voltage is nominal at 50% load current.
The external feedback resistive divider must be frequency
compensated for proper operation. Place a capacitor
across R1 in the resistive divider network. Use the
following equation to determine the value of the capacitor:
R2
R2
If
1, C1 C
R1
R1
else C1 C, where C 15pF

>
= 

=
=
ConnectOUTS_toVOUT_ for a fixed 1.0V output voltage.
Figure 3. Effect of Spread Spectrum on Internal Oscillator
Figure 4. Adjustable Output-Voltage Configuration
MAX20029
MAX20029B
VOUT_
R1
C1
OUTS_
R2
fSW + 3%
fSW
t
t + 667µs
TIME
t + 1.334ms
INTERNAL
OSCILLATOR
FREQUENCY
MAX20029/MAX20029B/
MAX20029C/MAX20029D
Automotive Quad/Triple Low-Voltage
Step-Down DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com