Electronic Components Datasheet Search
  English  ▼

X  

ADL5355 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5355
Description  300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5355 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5355 Datasheet HTML 3Page - Analog Devices ADL5355 Datasheet HTML 4Page - Analog Devices ADL5355 Datasheet HTML 5Page - Analog Devices ADL5355 Datasheet HTML 6Page - Analog Devices ADL5355 Datasheet HTML 7Page - Analog Devices ADL5355 Datasheet HTML 8Page - Analog Devices ADL5355 Datasheet HTML 9Page - Analog Devices ADL5355 Datasheet HTML 10Page - Analog Devices ADL5355 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
ADL5369
Rev. A | Page 7 of 23
TYPICAL PERFORMANCE CHARACTERISTICS
5 V PERFORMANCE CHARACTERISTICS
RF Frequency
VS = 5 V, IS = 84 mA, TA = 25°C, fRF = 450 MHz, fLO = 543 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, R9 = 1.7 kΩ, and ZO = 50 Ω, unless
otherwise noted.
0.070
0.075
0.080
0.085
0.090
0.095
0.100
300
400
500
600
700
800
900
1000
1100
RF FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 3. Supply Current vs. RF Frequency
0
2
4
6
8
10
12
14
300
400
500
600
700
800
900
1000
1100
RF FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 4. Power Conversion Loss vs. RF Frequency
10
15
20
25
30
35
40
300
400
500
600
700
800
900
1000
1100
RF FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 5. Input IP3 vs. RF Frequency
20
30
40
50
60
70
80
90
300
400
500
600
700
800
900
1000
1100
RF FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 6. Input IP2 vs. RF Frequency
0
2
4
6
8
10
12
14
16
300
400
500
600
700
800
900
1000
1100
RF FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 7. SSB Noise Figure vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com