Electronic Components Datasheet Search
  English  ▼

X  

ADL5355 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5355
Description  300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5355 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5355 Datasheet HTML 4Page - Analog Devices ADL5355 Datasheet HTML 5Page - Analog Devices ADL5355 Datasheet HTML 6Page - Analog Devices ADL5355 Datasheet HTML 7Page - Analog Devices ADL5355 Datasheet HTML 8Page - Analog Devices ADL5355 Datasheet HTML 9Page - Analog Devices ADL5355 Datasheet HTML 10Page - Analog Devices ADL5355 Datasheet HTML 11Page - Analog Devices ADL5355 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADL5369
Data Sheet
Rev. A | Page 8 of 23
Temperature
VS = 5 V, IS = 84 mA, TA = 25°C, fRF = 450 MHz, fLO = 543 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, R9 = 1.7 kΩ, and ZO = 50 Ω, unless
otherwise noted.
0.065
0.070
0.075
0.080
0.085
0.090
0.095
0.100
–40
–20
0
204060
80
TEMPERATURE (°C)
4.75V
5V
5.25V
Figure 8. Supply Current vs. Temperature
4.0
4.5
5.0
5.5
6.0
6.5
8.0
7.0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
4.75V
5V
5.25V
Figure 9. Power Conversion Loss vs. Temperature
24
25
26
27
28
29
30
31
32
33
34
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
4.75V
5V
5.25V
Figure 10. Input IP3 vs. Temperature
45
47
49
51
53
55
57
59
–45
–25
–5
15
35
55
75
TEMPERATURE (°C)
4.75V
5V
5.25V
Figure 11. Input IP2 vs. Temperature
4
5
6
7
8
9
10
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
4.75V
5V
5.25V
Figure 12. SSB Noise Figure vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com