Electronic Components Datasheet Search
  English  ▼

X  

ADL5355 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5355
Description  300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5355 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5355 Datasheet HTML 7Page - Analog Devices ADL5355 Datasheet HTML 8Page - Analog Devices ADL5355 Datasheet HTML 9Page - Analog Devices ADL5355 Datasheet HTML 10Page - Analog Devices ADL5355 Datasheet HTML 11Page - Analog Devices ADL5355 Datasheet HTML 12Page - Analog Devices ADL5355 Datasheet HTML 13Page - Analog Devices ADL5355 Datasheet HTML 14Page - Analog Devices ADL5355 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
ADL5369
Rev. A | Page 11 of 23
Conversion Loss Distribution, Input IP3 Distribution, and Return Loss
VS = 5 V, IS = 84 mA, TA = 25°C, fRF = 450 MHz, fLO = 543 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, R9 = 1.7 kΩ, and ZO = 50 Ω, unless
otherwise noted.
100
80
60
40
20
0
CONVERSION LOSS (dB)
5.86.06.26.46.6
Figure 23. Conversion Loss Distribution
100
80
60
40
20
0
INPUT IP3 (dBm)
24
25
26
27
28
29
30
31
32
Figure 24. Input IP3 Distribution
300
250
200
150
100
50
40
35
30
25
20
15
10
22
20
18
16
14
12
10
IF FREQUENCY (MHz)
R11 LO1
R11 LO2
C11 (pF )LO1
C11 (pF) LO2
Figure 25. IF Port Return Loss
–25
–20
–15
–10
–5
0
300
400
500
600
700
800
900
1000
1100
RF FREQUENCY (MHz)
Figure 26. RF Port Return Loss, Fixed IF vs. Frequency
–35
–30
–25
–20
–15
–10
–5
0
300
400
500
600
700
800
900
1000
1100
1200
LO FREQUENCY (MHz)
SELECTED
UNSELECTED
Figure 27. LO Return Loss vs. LO Frequency, Selected and Unselected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com