Electronic Components Datasheet Search
  English  ▼

X  

ADRF6780 Datasheet(PDF) 29 Page - Analog Devices

Part # ADRF6780
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADRF6780 Datasheet HTML 25Page - Analog Devices ADRF6780 Datasheet HTML 26Page - Analog Devices ADRF6780 Datasheet HTML 27Page - Analog Devices ADRF6780 Datasheet HTML 28Page - Analog Devices ADRF6780 Datasheet HTML 29Page - Analog Devices ADRF6780 Datasheet HTML 30Page - Analog Devices ADRF6780 Datasheet HTML 31Page - Analog Devices ADRF6780 Datasheet HTML 32Page - Analog Devices ADRF6780 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Data Sheet
ADRF6780
Rev. D | Page 29 of 35
ALARM_MASK REGISTER
Address: 0x02, Reset: 0xFFFF, Name: ALARM_MASK
Parity Error Mas k - Enable the Alarm
Output Pin
Too Few Errors Mas k -Enable the
Alarm Output Pin
Addres s Range Error Mas k - Enable
the Alarm Output Pin
Too Many Errors Mas k - Enable the
Alarm Output Pin
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
1
13
1
14
1
15
1
[15] PARITY_ERROR_MASK (R/W)
[11:0] RESERVED
[14] TOO_FEW_ERRORS_MASK (R/W)
[12] ADDRESS_RANGE_ERROR_MASK (R/W)
[13] TOO_MANY_ERRORS_MASK (R/W)
Table 10. Bit Descriptions for ALARM_MASK
Bits
Bit Name
Settings
Description
Reset
Access
15
PARITY_ERROR_MASK
Parity Error Mask—Enable the Alarm Output Pin
0x1
R/W
14
TOO_FEW_ERRORS_MASK
Too Few Errors Mask—Enable the Alarm Output Pin
0x1
R/W
13
TOO_MANY_ERRORS_MASK
Too Many Errors Mask—Enable the Alarm Output Pin
0x1
R/W
12
ADDRESS_RANGE_ERROR_MASK
Address Range Error Mask—Enable the Alarm Output Pin
0x1
R/W
[11:0]
RESERVED
Reserved
0xFFF
R/W
ENABLE REGISTER
Address: 0x03, Reset: 0x0157, Name: Enable
UC Bias Enable
VGA Buffer Enable
LO Enable
Detector Enable
LO x1 Enable
LO Buffer Enable
LO x2 Enable
IF Mode Enable
IQ Mode Enable
0
1
1
1
2
1
3
0
4
1
5
0
6
1
7
0
8
1
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:9] RESERVED
[0] UC_BIAS_ENABLE (R/W)
[8] VGA_BUFFER_ENABLE (R/W)
[1] LO_ENABLE (R/W)
[7] DETECTOR_ENABLE (R/W)
[2] LO_PPF_ENABLE (R/W)
[6] LO_BUFFER_ENABLE (R/W)
[3] LO_X2_ENABLE (R/W)
[5] IF_MODE_ENABLE (R/W)
[4] IQ_MODE_ENABLE (R/W)
Table 11. Bit Descriptions for Enable
Bits
Bit Name
Settings
Description
Reset
Access
[15:9]
RESERVED
Reserved
0x0
R/W
8
VGA_BUFFER_ENABLE
VGA Buffer Enable
0x1
R/W
7
DETECTOR_ENABLE
Detector Enable
0x0
R/W
6
LO_BUFFER_ENABLE
LO Buffer Enable
0x1
R/W
5
IF_MODE_ENABLE
IF Mode Enable
0x0
R/W
4
IQ_MODE_ENABLE
IQ Mode Enable
0x1
R/W
3
LO_X2_ENABLE
LO ×2 Enable
0x0
R/W
2
LO_PPF_ENABLE
LO ×1 Enable
0x1
R/W
1
LO_ENABLE
LO Enable
0x1
R/W
0
UC_BIAS_ENABLE
UC Bias Enable
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com