Electronic Components Datasheet Search
  English  ▼

X  

ADRF6780 Datasheet(PDF) 27 Page - Analog Devices

Part # ADRF6780
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADRF6780 Datasheet HTML 23Page - Analog Devices ADRF6780 Datasheet HTML 24Page - Analog Devices ADRF6780 Datasheet HTML 25Page - Analog Devices ADRF6780 Datasheet HTML 26Page - Analog Devices ADRF6780 Datasheet HTML 27Page - Analog Devices ADRF6780 Datasheet HTML 28Page - Analog Devices ADRF6780 Datasheet HTML 29Page - Analog Devices ADRF6780 Datasheet HTML 30Page - Analog Devices ADRF6780 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Data Sheet
ADRF6780
Rev. D | Page 27 of 35
REGISTER SUMMARY
Table 7. Register Summary
Hex
Addr
Name
Bits
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x00
Control
[15:8]
PARITY_EN
SOFT_RESET
RESERVED
CHIP_ID[7:4]
0x0075
R/W
[7:0]
CHIP_ID[3:0]
CHIP_REVISION
0x01
ALARM_
READBACK
[15:8]
PARITY_
ERROR
TOO_FEW_
ERRORS
TOO_MANY_
ERRORS
ADDRESS_
RANGE_
ERROR
RESERVED
0x0000
R
[7:0]
RESERVED
0x02
ALARM_MASK
[15:8]
PARITY_
ERROR_
MASK
TOO_FEW_
ERRORS_
MASK
TOO_MANY_
ERRORS_
MASK
ADDRESS_
RANGE_
ERROR_MASK
RESERVED
0xFFFF
R/W
[7:0]
RESERVED
0x03
Enable
[15:8]
RESERVED
VGA_BUFFER_
ENABLE
0x0157
R/W
[7:0]
DETECTOR_
ENABLE
LO_BUFFER_
ENABLE
IF_MODE_
ENABLE
IQ_MODE_
ENABLE
LO_X2_
ENABLE
LO_PPF_
ENABLE
LO_
ENABLE
UC_BIAS_
ENABLE
0x04
Linearize
[15:8]
RESERVED
0x0080
R/W
[7:0]
RDAC_LINEARIZE
0x05
LO_PATH
[15:8]
RESERVED
LO_
SIDEBAND
RESERVED
0x0000
R/W
[7:0]
Q_PATH_PHASE_ACCURACY
I_PATH_PHASE_ACCURACY
0x06
ADC_
CONTROL
[15:8]
RESERVED
0x0000
R/W
[7:0]
RESERVED
VDET_
OUTPUT_
SELECT
ADC_
START
ADC_
ENABLE
ADC_CLOCK_
ENABLE
0x0C
ADC_OUTPUT
[15:8]
RESERVED
ADC_STATUS
0x0010
R
[7:0]
ADC_VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com