Electronic Components Datasheet Search
  English  ▼

X  

ADRF6780 Datasheet(PDF) 34 Page - Analog Devices

Part # ADRF6780
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADRF6780 Datasheet HTML 27Page - Analog Devices ADRF6780 Datasheet HTML 28Page - Analog Devices ADRF6780 Datasheet HTML 29Page - Analog Devices ADRF6780 Datasheet HTML 30Page - Analog Devices ADRF6780 Datasheet HTML 31Page - Analog Devices ADRF6780 Datasheet HTML 32Page - Analog Devices ADRF6780 Datasheet HTML 33Page - Analog Devices ADRF6780 Datasheet HTML 34Page - Analog Devices ADRF6780 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
ADRF6780
Data Sheet
Rev. D | Page 34 of 35
Table 16. Evaluation Board Configuration Options
Component
Function
Default Condition
VPLO3.3V, VPDT5V, VPRF5V, VPBB3.3V, VPBI3.3V,
1P8V, AGND
Power supplies and ground
Not applicable
LOIN, LOIP, VDET, RFON, RFOP, BBIN, BBIP, BBQN,
BBQN, IFIN, IFIP, VATT
Data and clock
Not applicable
SCLK, SDIN, SENB, SDTO
SPI
Not applicable
R2 to R5
33 Ω series resistors for SPI pins
R2, R3, R4, R5 = 33 Ω (0402)
5V, 3.3V, 3.3V_6780, 1.8V, VDET, ALMB, VATT,
GND1 to GND2
Test points
Not applicable
PWDN
Power-down function
Apply 1.8 V on PWDN (Pin 2) jumper to power
down the device
R1, R9, R14, R15, R17 to R20, XR2, XR6
Shorts or power supply decoupling
resistors
R1, R9, R17, R18, R19 = 0 Ω (0402),
R8 = 5.1 kΩ (0402),
R15 = 100 kΩ (0402),
R14, R20 = 0 Ω (0402),
XR2 = 10 kΩ (0603),
XR6 = 80.6 Ω (1206)
R6, R7, R16, R22
Pull-up or pull-down resistors
R6, R7, R22 = 10 kΩ (0603),
R16 = 100 kΩ (0402)
C1 to C4, C6 to C11, C13 to C15, C17, C20, C22,
C23, C26, C28, C31, C33, C36, C38 to C40, C42
to C51, XC12, XC4 to XC8, C140, C141
The capacitors provide the required
decoupling of the supply related
pins
XC4, C45 = 10 µF (3216),
XC12 = 10 µF (0603),
C42, C44, C46, C48, C49,
C51 = 4.7 µF (0603),
C1, C2, C4, C8, C22, C28,
C39, C40 = 0.1 µF (0603),
XC5, XC6, XC7, XC8 = 0.1 µF (0402),
C3, C6, C10, C13, C20, C26,
C36, C38 = 4.7 nF (0402),
C43, C47, C50 = 1000 pF (0603),
C9, C11, C14, C15, C17, C23, C31, C33 = 33 pF (0402),
C7 = 10 pF (0402),
C140, C141 = 0.1 µF (0603)
R10 to R13
Remove resistors when using IF
inputs (IF mode)
R10, R11, R12, R13 = 0 Ω (0201)
R23 to R26
Resistors provide a broadband 50 Ω
termination for baseband input data
R23, R24, R25, R26 = 49.9 Ω (0402)
C5, C41
AC coupling capacitors
C5, C41 = 100 pF (0402)
C21
CS decoupling resistor
C21 = 100 pF (0402)
C12, C16, C18, C19, C24, C25, C27, C29, C30,
C32, C34, C35, C37, R21
Do not install (DNI)
C16, C24, C34, C35 = 0402,
C27, C37, R21 = 0603,
C12, C18, C19, C25 = 0402,
C29, C30, C32 = 0402
XP1
Programming header
Not applicable
XP2
Mini USB connector
Connect the mini USB cable to XP2 to interface
with the SPI
RSTB
Reset button
Click RSTB to reset the device
USB
Blue LED
LED is blue when the USB is connected to XP2, and
the PC and the ADRF6780 evaluation board is
powered on with a 5 V supply
XU1
Microcontroller
PIC18F24J50
U1
Level shifter
FXL4TD245BQX
U3 to U5
3.3 V and 1.8 V regulators
ADM7170 (U3) = 1.8 V regulator,
ADM7172 (U4) = 3.3 V regulator,
ADM7172 (U5) = 3.3 V regulator for ADRF6780
U2
AD5601 nanoDAC
Not applicable
DUT
ADRF6780, device under test
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com