Electronic Components Datasheet Search
  English  ▼

X  

DF1117 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DF1117
Description  DF1117
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DF1117 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DF1117 Datasheet HTML 1Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 2Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 3Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 4Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 5Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 6Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 7Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 8Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
上海大缔微电子有限公司
DF1117
1A 低压差稳压器
2
of
2
概述
DF1117 系列稳压器可提供1A直流输出,它可运行在输入输出相差1V的环境下。在最
大输出电流时,电压差设计可提供最大为
1.3V,且它随着输出电流的减小而减小。芯片焊接
校准为参考电压的
1%。这种限流起到平衡的作用,调整器和电源电路使超负载最小化。
DF1117 兼容了其它三终端的系统接口,并提供了SOT-223和TO-252两种封装形式。
特性
 
三端可调整电压或稳压为
1.5V, 1.8V, 2.5V,
2.85V, 3.3V 和5.0V
 
输出直流为
1A
 
工作在电压差为
1V
 
线路调整率: 最大
0.2%
 
负载调整率: 最大
0.4%
 封装形式:
SOT-223 和 TO-252
应用范围
 高效率线性标准器
 快速整流校准器
 
5V 到3.3V 的线性校准器
 电池充电器
 现行小型计算机系统接口终端
 笔记本的电源设备
 
电池动力仪器
订购须知
封装类型
TO-252
SOT-223
工作温度范围
DF1117-ADJ
DF1117-ADJ
0 to 125° C
DF1117-1.5
DF1117-1.5
0 to 125° C
DF1117-1.8
DF1117-1.8
0 to 125° C
DF1117-2.5
DF1117-2.5
0 to 125° C
DF1117-2.85
DF1117-2.85
0 to 125° C
DF1117-3.3
DF1117-3.3
0 to 125° C
DF1117-5.0
DF1117-5.0
0 to 125° C
*附厂家地址
引脚特征
稳压型
1- 接地
2- 电压输出端
3- 电压输入端
调压型
1- 调整端
2-电压输出端
3-电压输入端
SOT-223俯视图
TO-252正面图



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com