Electronic Components Datasheet Search
  English  ▼

X  

DF1117 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DF1117
Description  DF1117
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DF1117 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  DF1117 Datasheet HTML 1Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 2Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 3Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 4Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 5Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 6Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 7Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 8Page - List of Unclassifed Manufacturers DF1117 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
上海大缔微电子有限公司
DF1117
1A 低压差稳压器
6
of
6
图1.
VOUT = VRE F (1+ R2/R1)+IADJR2
图2. 典型可调整器
负载调整率
DF1117没有精确的负载偏差,是因为接在调整脚的电阻阻值限制了电路的标准。这个
规格说明书的数据从散热端测得(散热片和输出脚直接连在一起),由于散热片反馈到二极
管的负极,所以二极管的负极是一个精确的绝对温标。当
R1直接接地而不是接负载时,可
以得到最大的负载调整率。当
R1接负载时,接在调整端和负载之间的有效电阻是:
RP x ((R2+R1)/ R1),
RP =寄生线性阻抗
接法如下图所示
, R P不是分压比积分得到的。
* R1 接地
* R2接负载
F3.最高负载调整率连线图
在稳压器里
R1接内部的绝对温标,接地端可以作为二极管的负极接线端。
热设计
DF1117系列有一个内部电源和热限制电路,当电路超负荷运行时起到保护作用 ,但能
起作用的最大温度范围为
125°C 。结型周围热敏电阻的原始数据必需认真考虑 ,安装在
SOT-223表面的散热片也应认真考虑。芯片和铜皮的散热性能是利用散热片来实现的。 从
DF1117结型点到焊片的热敏电阻是15°C/W,从焊片到四周的热敏电阻是30°C/W,所以从



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com