Electronic Components Datasheet Search
  English  ▼

X  

MAX20812AFHT Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX20812AFHT
Description  Dual-Output, 6A, 3MHz, 2.7V to 16V, Step-Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20812AFHT Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX20812AFHT Datasheet HTML 9Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 10Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 11Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 12Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 13Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 14Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 15Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 16Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
MAX20812
Dual-Output, 6A, 3MHz, 2.7V to 16V, Step-Down
Switching Regulator
www.maximintegrated.com
Maxim Integrated | 13
FIXED_CLK
-VERR_
AMS _RAMP
INTERMEDIATE_AMS _CLK
AMS _CLK
Figure 2. AMS Operation
Discontinuous Current Mode (DCM) Operation
Discontinuous current mode (DCM) operation can be enabled to improve light-load efficiency. VDDH must be at least 2V
higher than the desired VOUT for the device to operate in DCM. The device has a DCM current-detection comparator to
monitor the inductor valley current while operating in CCM. At light load, if the inductor valley current is below the DCM
comparator threshold for 48 consecutive cycles, the device transitions seamlessly to DCM. Once in DCM, the switching
frequency decreases as load decreases. The MAX20812 transitions back to CCM operation as soon as the inductor valley
current is higher than 100mA.
Active Current Balancing
When configured to dual-phase operation, the MAX20812 operates with active current balancing for enhanced dynamic-
current sharing or balancing between two phase currents. This feature maintains the current balance during load
transients, even at a load-step frequency close to the switching frequency or its harmonics. The active current-balancing
circuit adjusts the individual phase-current control signal in order to minimize the phase-current imbalance.
Internal Linear Regulator
The MAX20812 contains an internal 1.8V linear regulator. The 1.8V voltage on VCC is derived from the VDDH1 pin by
default. To improve efficiency, it is recommended to apply an external 2.5V to 5.5V bias input supply on the LDOIN pin
so that the 1.8V voltage on VCC is converted from the LDOIN pin instead. The LDOIN pin can be connected to the output
voltage if the output voltage falls within the 2.5V to 5.5V range. The optional LDOIN bias input supply can be applied or
removed anytime during regulation without affecting regulation.
The 1.8V voltage on the VCC pin supplies the current to the MOSFET drivers of both outputs. A decoupling capacitor of
at least 2.2μF must be connected between VCC and PGND. The AVDD pin of the MAX20812 also requires a 1.8V supply
to power the device’s internal analog circuitry. A 2.2Ω to 4.7Ω resistor must be connected between AVDD and VCC. A
1μF or greater decoupling capacitor must be used between AVDD and AGND.
Startup and Shutdown
The startup and shutdown timing is shown in Figure 3. When the AVDD pin voltage is above its rising UVLO threshold,
the device goes through an initialization procedure. The dual-output or dual-phase operation is detected. Configuration
resistors on the PGM_ pins are read. Once initialization is complete, the device detects the VDDH UVLO and EN_ status.
When both are above their rising thresholds, soft-start begins and switching is enabled. The output voltage of the enabled
output starts to ramp up. The soft-start ramp time is 3ms. If there are no faults, the open-drain PGOOD_ pin is released
from being held low after the soft-start ramp is complete. The device supports smooth startup with the output pre-biased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com