Electronic Components Datasheet Search
  English  ▼

X  

MAX20812AFHT Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX20812AFHT
Description  Dual-Output, 6A, 3MHz, 2.7V to 16V, Step-Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20812AFHT Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX20812AFHT Datasheet HTML 16Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 17Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 18Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 19Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 20Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 21Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 22Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 23Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MAX20812
Dual-Output, 6A, 3MHz, 2.7V to 16V, Step-Down
Switching Regulator
www.maximintegrated.com
Maxim Integrated | 20
△I = Loading or unloading current step
△VOUT = Maximum allowed output voltage undershoot or overshoot
Input Capacitor Selection
The input capacitance selection is determined by the input voltage ripple requirement. The VDDH1 and VDDH2 pins of the
MAX20812 should be connected on the PCB. When configured to dual-output operation, the input capacitance is shared
between the two outputs. The minimum required input capacitance is estimated by the following equation:
OUT1(MAX)
OUT1
OUT2(MAX)
OUT2
IN
SW1
DDH
INPP
SW2
DDH
INPP
I
V
I
V
C
MAX
,
f
V
V
f
V
V






where:
CIN = Input capacitance
IOUT_(MAX) = Maximum output current of OUTPUT_
VOUT_ = Output voltage of OUTPUT_
fSW_ = Switching frequency of OUTPUT_
VINPP = Peak-to-peak input voltage ripple
When configured to dual-phase operation, the minimum required input capacitance is estimated by the following equation:
OUT(MAX)
OUT
IN
SW
DDH
INPP
IV
C
2 f
V
V
Besides the minimum required input capacitance, it is also required to place 0.1μF and 1μF high-frequency decoupling
capacitors next to each VDDH_ pin to suppress the high-frequency switching noises.
Internal Compensation Selection
Voltage Loop Gain
For stability purposes, it is recommended that the voltage loop bandwidth (BW) be lower than 1/5 of the switching
frequency. Consider the case of using MLCC output capacitors that have nearly ideal impedance characteristics in the
frequency range of interest with negligible ESR and ESL. The voltage loop BW can be estimated using the following
equation:
VGA
FB2
FB2
FB1
OUT
R
R
N
R
R
10k
Ω
BW
2
π 20mΩ C

+
=

where:
RVGA = The voltage loop gain resistance, which is set by the switching frequency and voltage loop gain multiplier selected
by PGM_ pin resistors (Table 5)
Table 5. Voltage Loop Gain Resistance
SWITCHING
FREQUENCY
(kHz)
VOLTAGE
LOOP GAIN
MULTIPLIER
RVGA
(kΩ)
500
0.4
15.6
0.7
27
1
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com