Electronic Components Datasheet Search
  English  ▼

X  

MAX20812AFHT Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX20812AFHT
Description  Dual-Output, 6A, 3MHz, 2.7V to 16V, Step-Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20812AFHT Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX20812AFHT Datasheet HTML 17Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 18Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 19Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 20Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 21Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 22Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 23Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 24Page - Maxim Integrated Products MAX20812AFHT Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MAX20812
Dual-Output, 6A, 3MHz, 2.7V to 16V, Step-Down
Switching Regulator
www.maximintegrated.com
Maxim Integrated | 21
1.5
52.2
750
0.4
22
0.7
31
1
44.5
1.5
62.3
1000
0.4
22
0.7
37
1
52.2
1.5
74.5
1500
0.4
27
0.7
44.5
1
62.3
1.5
104.4
2000 or 3000
0.4
31
0.7
52.2
1
74.5
1.5
104.4
Slope Compensation
Slope compensation is applied to guarantee current loop stability when the duty cycle is higher than 50%. For applications
where the duty cycle is smaller than 50%, it is also recommended to apply slope compensation to improve current loop
noise immunity. The minimum and maximum slope compensation values are calculated using the following equation:
OUT
IN
SW
SLOPE
OUTMAX
RIPPLE
SLOPE
OUT
V
V
f
C
I
I
1.6
Ω
1.6Ω
C
SLOPE
800mV
L
25
V
N
2
25



−
+




where:
CSLOPE = 5pF
The slope-compensation options of the MAX20812 can be selected by resistor values on PGM1 and PGM2. A higher
slope value is recommended to help reduce duty cycle jittering and improve stability.
Typical Reference Designs
See the Typical Application Circuits for examples of reference schematics. Reference design examples for some common
output voltages are shown in Table 6.
Table 6. Reference Design Examples
VOUT
(V)
IOUT (A)
(PER
PHASE)
fSW
(kHz)
RFB1
(kΩ)
RFB2
(kΩ)
PGM0
(kΩ)
PGM1 OR
PGM2
(kΩ)
L
(μH)
CIN (PER EACH
VDDH PIN)
COUT
0.8
6
750
1.82
3.01
2.49
2.49
0.47
10μF +1μF +0.1μF
3 × 47
μF
0.9
6
1000
2.40
3.01
8.06
2.49
0.47
10μF +1μF +0.1μF
3 × 47μF
1.0
6
1000
3.01
3.01
8.06
2.49
0.47
10μF +1μF +0.1μF
3 × 47μF
1.2
6
1000
4.22
3.01
8.06
2.49
0.56
10μF +1μF +0.1μF
3 × 47μF
1.8
6
1500
7.87
3.01
21.5
2.49
0.56
10μF +1μF +0.1μF
2 × 47μF
3.3
5
2000
16.9
3.01
30.9
2.15
1.0
10μF +1μF +0.1μF
2
× 47μF
5.0
4
2000
22.6
2.49
30.9
100
2.2
10μF +1μF +0.1μF
1 × 47μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com