Electronic Components Datasheet Search
  English  ▼

X  

STO65N60DM6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STO65N60DM6
Description  N?멵hannel 600 V, 67 mΩ typ., 46 A MDmesh DM6 Power MOSFET in a TO?멛L package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STO65N60DM6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STO65N60DM6 Datasheet HTML 3Page - STMicroelectronics STO65N60DM6 Datasheet HTML 4Page - STMicroelectronics STO65N60DM6 Datasheet HTML 5Page - STMicroelectronics STO65N60DM6 Datasheet HTML 6Page - STMicroelectronics STO65N60DM6 Datasheet HTML 7Page - STMicroelectronics STO65N60DM6 Datasheet HTML 8Page - STMicroelectronics STO65N60DM6 Datasheet HTML 9Page - STMicroelectronics STO65N60DM6 Datasheet HTML 10Page - STMicroelectronics STO65N60DM6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
3
Test circuits
Figure 13. Switching times test circuit for resistive load
AM15855v1
VGS
PW
VD
RG
RL
D.U.T.
2200
µF
3.3
µF
VDD
GND2
(power)
GND1
(driver signal)
+
Figure 14. Test circuit for gate charge behavior
GADG180720181011SA
RL
47 kΩ
2.7 kΩ
1 kΩ
IG= CONST
100 Ω
D.U.T.
+
pulse width
VGS
2200
μF
VG
VDD
GND1
GND2
Figure 15. Test circuit for inductive load switching and
diode recovery times
AM15857v1
A
D
D.U.T.
S
B
G
25Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100µH
µF
3.3
1000
µF
VDD
GND1
GND2
D.U.T.
+
Figure 16. Unclamped inductive load test circuit
AM15858v1
Vi
Pw
VD
ID
D.U.T.
L
2200
µF
3.3
µF
VDD
GND1
GND2
+
Figure 17. Unclamped inductive waveform
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
Figure 18. Switching time waveform
AM01473v1
0
VGS
90%
VDS
90%
10%
90%
10%
10%
ton
td(on)
tr
0
toff
td(off)
tf
STO65N60DM6
Test circuits
DS13572 - Rev 1
page 7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com