Electronic Components Datasheet Search
  English  ▼

X  

LTRP Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # LTRP
Description  Power Transducer Series LT-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTRP Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  LTRP Datasheet HTML 1Page - M-System Co.,Ltd. LTRP Datasheet HTML 2Page - M-System Co.,Ltd. LTRP Datasheet HTML 3Page - M-System Co.,Ltd. LTRP Datasheet HTML 4Page - M-System Co.,Ltd. LTRP Datasheet HTML 5Page - M-System Co.,Ltd. LTRP Datasheet HTML 6Page - M-System Co.,Ltd. LTRP Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: LTRP
LTRP SPECIFICATIONS
ES-3357 Rev.16 Page 6/7
https://www.m-system.co.jp/
CUSTOM SPECIFICATION : OPTION /X1
Major specification changes
Input 0%: 30 - 0 % of input 100% (var)
MODEL: LTRP–[1][2][3][4][5]–[6][7]/X1
Same as standard specification (without customization)
except followings.
Refer to standard specification pages.
ORDERING INFORMATION
• Code number: LTRP–[1][2][3][4][5]–[6][7]/X1
For each of [1] through [7] same code as standard
specification is available.
Use Ordering Information Sheet (No. ESU-3355).
(e.g. LTRP-115PA-R/T/X1)
Refer to standard specification pages.
SPECIFICATION CHANGES
■ Input specifications
• Available input range
The value for 0 % (LAG) is within 0 - 30 % of input 100 %
(LEAD).
or
The value for 0 % (LEAD) is within 0 - 30 % of input 100 %
(LAG).
e.g. Input range: LAG 75 to LEAD 1000 [var]
75 [var] ÷ 1000 [var] × 100 = -7.5 [%]
Accuracy (including influence from temperature and
frequency): ±0.75 %
■ Standards & approval
• CE not available
0
75
75
1000var
(LEAD)
1000
(LAG)
12 mA
0
1000var
(LEAD)
1000
(LAG)
1000var
(LEAD)
1000
(LAG)
1000var
(LEAD)
1000
(LAG)
0 V
-10 V
4 mA
• Output Polarity Code M: Negative in lead, positive in lag
20 mA
OUTPUT
INPUT
INPUT
INPUT
+10 V
OUTPUT
OUTPUT
OUTPUT
INPUT
0
75
12 mA
0
0 V
-10 V
4 mA
20 mA
+10 V
■ OPERATION DIAGRAM (example)
• Output Polarity Code P: Negative in lag, positive in lead



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com