Electronic Components Datasheet Search
  English  ▼

X  

LTRP Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LTRP
Description  Power Transducer Series LT-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTRP Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LTRP Datasheet HTML 1Page - M-System Co.,Ltd. LTRP Datasheet HTML 2Page - M-System Co.,Ltd. LTRP Datasheet HTML 3Page - M-System Co.,Ltd. LTRP Datasheet HTML 4Page - M-System Co.,Ltd. LTRP Datasheet HTML 5Page - M-System Co.,Ltd. LTRP Datasheet HTML 6Page - M-System Co.,Ltd. LTRP Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: LTRP
LTRP SPECIFICATIONS
ES-3357 Rev.16 Page 1/7
https://www.m-system.co.jp/
Power Transducer Series LT-UNIT
VAR TRANSDUCER
Functions & Features
• Providing a DC output signal in proportion to AC reactive
power
• DC output containing little ripple is ideal for computer
input
• "Time division multiplication" method accepts distorted
waveforms
• Isolation up to 2000 V AC
• High-density mounting
• Conforms to IEC 60688
Typical Applications
• Centralized monitoring and control of power management
system in a manufacturing facility or building
143 (5.63)
111
(4.37)
72
(2.83)
mm (inch)
MODEL: LTRP–[1][2][3][4][5]–[6][7]
ORDERING INFORMATION
• Code number: LTRP–[1][2][3][4][5]–[6][7]
Specify a code from below for each of [1] through [7].
(e.g. LTRP-115PA-R/T/Q)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01)
• Use Ordering Information Sheet (No. ESU-3355).
[1] CONFIGURATION
1: 3-phase / 3-wire
4: 3-phase / 4-wire
[2] VT INPUT (balanced load)
For 3-phase / 4-wire, phase voltages (e.g. 110 V / √3 ) are used.
1: 100, 110, 115, 120 V AC
2: 190, 200, 210, 220, 230, 240 V AC
4: 380, 400, 415, 430, 440, 480 V AC
[3] CT INPUT (unbalanced load)
Current
1: 1 A AC
2: 2 A AC
5: 5 A AC
[4] OUTPUT SIGNAL POLARITY
P: Negative in lag, positive in lead
M: Negative in lead, positive in lag
[5] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 500 Ω max.)
FW: -10 – +10 mA DC (Load resistance 1000 Ω max.)
GW: -1 – +1 mA DC (Load resistance 10 kΩ max.)
JW: -5 – +5 mA DC (Load resistance 2000 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
1W: -10 – +10 mV DC (Load resistance 10 kΩ min.)
2W: -100 – +100 mV DC (Load resistance 100 kΩ min.)
3W: -1 – +1 V DC (Load resistance 1000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[6] AUXILIARY POWER SUPPLY
AC Power
K3: 100 – 120V AC
(Operational voltage range 85 - 132 V, 47 - 66 Hz)
L3: 200 – 240V AC
(Operational voltage range 170 - 264 V, 47 - 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
V: 48 V DC
(Operational voltage range 48 V ± 10 % , ripple 10 % p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
(CE not available)
[7] OPTIONS (multiple selections)
Terminal Cover
blank: Without
/T: With
Custom specification
(Refer to the custom specification list for difference
of specification and combination of code numbers.)
blank: none
/X1: Input range


Similar Part No. - LTRP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LTRPN MSYSTEM-LTRPN Datasheet
125Kb / 3P
Power Transducer Series LT-UNIT
LTRPN-111M1W MSYSTEM-LTRPN-111M1W Datasheet
125Kb / 3P
Power Transducer Series LT-UNIT
LTRPN-111M1W/Q MSYSTEM-LTRPN-111M1W/Q Datasheet
125Kb / 3P
Power Transducer Series LT-UNIT
LTRPN-111M1W/T MSYSTEM-LTRPN-111M1W/T Datasheet
125Kb / 3P
Power Transducer Series LT-UNIT
LTRPN-111M2W MSYSTEM-LTRPN-111M2W Datasheet
125Kb / 3P
Power Transducer Series LT-UNIT
More results

Similar Description - LTRP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LTHZ MSYSTEM-LTHZ Datasheet
107Kb / 3P
Power Transducer Series LT-UNIT
LTWTN MSYSTEM-LTWTN Datasheet
130Kb / 5P
Power Transducer Series LT-UNIT
LTRPN MSYSTEM-LTRPN Datasheet
125Kb / 3P
Power Transducer Series LT-UNIT
LTPFUN MSYSTEM-LTPFUN Datasheet
115Kb / 3P
Power Transducer Series LT-UNIT
LTPFU MSYSTEM-LTPFU Datasheet
121Kb / 4P
Power Transducer Series LT-UNIT
LTPE MSYSTEM-LTPE Datasheet
99Kb / 3P
Power Transducer Series LT-UNIT
LTPAUN MSYSTEM-LTPAUN Datasheet
115Kb / 3P
Power Transducer Series LT-UNIT
LTPAU MSYSTEM-LTPAU Datasheet
121Kb / 4P
Power Transducer Series LT-UNIT
LTPAN MSYSTEM-LTPAN Datasheet
114Kb / 3P
Power Transducer Series LT-UNIT
LTPA MSYSTEM-LTPA Datasheet
118Kb / 3P
Power Transducer Series LT-UNIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com