Electronic Components Datasheet Search
  English  ▼

X  

LTRP Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # LTRP
Description  Power Transducer Series LT-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTRP Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  LTRP Datasheet HTML 1Page - M-System Co.,Ltd. LTRP Datasheet HTML 2Page - M-System Co.,Ltd. LTRP Datasheet HTML 3Page - M-System Co.,Ltd. LTRP Datasheet HTML 4Page - M-System Co.,Ltd. LTRP Datasheet HTML 5Page - M-System Co.,Ltd. LTRP Datasheet HTML 6Page - M-System Co.,Ltd. LTRP Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MODEL: LTRP
LTRP SPECIFICATIONS
ES-3357 Rev.16 Page 7/7
https://www.m-system.co.jp/
CUSTOM SPECIFICATION : OPTION /X2
Major specification changes
Input span: 10 - 50 % of input span of std. input range
MODEL: LTRP–[1][2][3][4][5]–[6][7]/X2
Same as standard specification (without customization)
except followings.
Refer to standard specification pages.
ORDERING INFORMATION
• Code number: LTRP–[1][2][3][4][5]–[6][7]/X2
For each of [1] through [7] same code as standard
specification is available.
Use Ordering Information Sheet (No. ESU-3355).
(e.g. LTRP-115PA-R/T/X2)
Refer to standard specification pages.
SPECIFICATION CHANGES
■ Input specifications
• Available input range: Refer to the table shown right.
■ PERFORMANCE
Accuracy (including influence from temperature and
frequency): Refer to the table shown right.
e.g. 3-phase / 3-wire, 100 V, 5 A
Input range: LAG 350 - LEAD 350 var
As input span is 35 % for std. range (LAG 1000 - LEAD 1000
var), accuracy is ±0.8 %.
■ Standards & approval
• CE not available
• INPUT RANGE
VT/CT
CODE
STD. RANGE
USABLE RANGE
1/1
LAG
LEAD
200 var
LAG
LEAD
20 – 100 var
1/2
LAG
LEAD
400 var
LAG
LEAD
40 – 200 var
1/5
LAG
LEAD
1000 var
LAG
LEAD
100 – 500 var
2/1
LAG
LEAD
400 var
LAG
LEAD
40 – 200 var
2/2
LAG
LEAD
800 var
LAG
LEAD
80 – 400 var
2/5
LAG
LEAD
2000 var
LAG
LEAD
200 – 1000 var
4/1
LAG
LEAD
800 var
LAG
LEAD
80 – 400 var
4/2
LAG
LEAD
1600 var
LAG
LEAD
160 – 800 var
4/5
LAG
LEAD
4000 var
LAG
LEAD
400 – 2000 var
• ACCURACY
INPUT SPAN
ACCURACY
≥ 10 – < 25% of std. range
±1.5%
≥ 25 – < 30% of std. range
±1.0%
≥ 30 – < 35% of std. range
±0.9%
≥ 35 – < 40% of std. range
±0.8%
≥ 40 – < 45% of std. range
±0.7%
≥ 45 – < 50% of std. range
±0.6%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com