Electronic Components Datasheet Search
  English  ▼

X  

AD8316 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8316
Description  Dual Output GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8316 Datasheet(HTML) 4 Page - Analog Devices

  AD8316 Datasheet HTML 1Page - Analog Devices AD8316 Datasheet HTML 2Page - Analog Devices AD8316 Datasheet HTML 3Page - Analog Devices AD8316 Datasheet HTML 4Page - Analog Devices AD8316 Datasheet HTML 5Page - Analog Devices AD8316 Datasheet HTML 6Page - Analog Devices AD8316 Datasheet HTML 7Page - Analog Devices AD8316 Datasheet HTML 8Page - Analog Devices AD8316 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. C
–4–
AD8316
INPUT AMPLITUDE – dBm
0.6
–60
0.4
0.2
–40
–30
–20
0
1.0
–10
0.8
10
1.6
1.2
1.4
–50
–73
–53
–43
–33
–13
–23
–3
–63
0.9GHz
1.9GHz
2.5GHz
0.1GHz
INPUT AMPLITUDE – dBV
TPC 1. VSET vs. Input Amplitude
INPUT AMPLITUDE – dBm
0.6
–60
0.4
0
–40
–30
–20
0
1.0
–10
0.8
10
1.6
1.2
1.4
–50
–73
–53
–43
–33
–13
–23
–3
–63
0.2
–1
–2
–4
1
0
4
2
3
–3
INPUT AMPLITUDE – dBV
–30 C
+25 C
+85 C
–30 C
+25 C
+85 C
TPC 2. VSET and Log Conformance vs. Input
Amplitude at 0.1 GHz
INPUT AMPLITUDE – dBm
0.6
–60
0.4
0
–40
–30
–20
0
1.0
–10
0.8
10
1.6
1.2
1.4
–50
–73
–53
–43
–33
–13
–23
–3
–63
0.2
–1
–2
–4
1
0
4
2
3
–3
INPUT AMPLITUDE – dBV
–30 C
+25 C
+85 C
–30 C
+25 C
+85 C
TPC 3. VSET and Log Conformance vs. Input
Amplitude at 0.9 GHz
INPUT AMPLITUDE – dBm
–1
–60
–2
–4
–40
–30
–20
0
1
–10
0
10
4
2
3
–50
–73
–53
–43
–33
–13
–23
–3
–63
–3
INPUT AMPLITUDE – dBV
1.9GHz
1.9GHz
0.9GHz
2.5GHz
0.1GHz
TPC 4. Log Conformance vs. Input Amplitude at
Selected Frequencies
INPUT AMPLITUDE – dBm
0.6
–60
0.4
0
–40
–30
–20
0
1.0
–10
0.8
10
1.6
1.2
1.4
–50
–73
–53
–43
–33
–13
–23
–3
–63
0.2
INPUT AMPLITUDE – dBV
–1
–2
–4
1
0
4
2
3
–3
+25 C
–30 C
+85 C
+25 C
–30 C
+85 C
TPC 5. VSET and Log Conformance vs. Input
Amplitude at 1.9 GHz
INPUT AMPLITUDE – dBm
0.6
–60
0.4
0
–40
–30
–20
0
1.0
–10
0.8
10
1.6
1.2
1.4
–50
–73
–53
–43
–33
–13
–23
–3
–63
0.2
INPUT AMPLITUDE – dBV
–1
–2
–4
1
0
4
2
3
–3
+25 C
–30 C
+85 C
+25 C
–30 C
+85 C
TPC 6. VSET and Log Conformance vs. Input
Amplitude at 2.5 GHz
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com