Electronic Components Datasheet Search
  English  ▼

X  

AD8316 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8316
Description  Dual Output GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8316 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8316 Datasheet HTML 7Page - Analog Devices AD8316 Datasheet HTML 8Page - Analog Devices AD8316 Datasheet HTML 9Page - Analog Devices AD8316 Datasheet HTML 10Page - Analog Devices AD8316 Datasheet HTML 11Page - Analog Devices AD8316 Datasheet HTML 12Page - Analog Devices AD8316 Datasheet HTML 13Page - Analog Devices AD8316 Datasheet HTML 14Page - Analog Devices AD8316 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. C
AD8316
–11–
volts rms; and VZ is the effective intercept voltage, which, as
previously noted, is dependent on waveform but is 199
µV rms
for a sine wave input. Now, the current generated by the setpoint
interface is simply
IV
k
SET
SET
=Ω
/.
415
(4)
IERR, the difference between this current and IDET, is applied to
the loop filter capacitor CFLT. It follows that the voltage appearing
on this capacitor, VFLT, is the time integral of the difference
current
Vs
I
I
sC
FLT
SET
DET
FLT
()
(
–
) /
=
(5)
=
Ω
Vk
IV
V
sC
SET
SLP
IN
Z
FLT
/.
–
log (
/ )
415
10
(6)
The control output VOUT is slightly greater than this, since the
gain of the output buffer is
×1.35. Also, an offset voltage is delib-
erately introduced in this stage, but this is inconsequential, since
the integration function implicitly allows for an arbitrary constant
to be added to the form of Equation 6. The polarity is such that
VOUT will rise to its maximum value for any value of VSET greater
than the equivalent value of VIN. In practice, the output will rail
to the positive supply under this condition unless the control
loop through the power amplifier is present. In other words, the
AD8316 seeks to drive the RF power to its maximum value when-
ever it falls below the setpoint. The use of exact integration results
in a final error that is theoretically zero, and the logarithmic
detection law would ideally result in a constant response time
following a step change of either the setpoint or the power level, if
the power amplifier control function were likewise “linear-in-dB.”
This latter condition is rarely true, however, and it follows that
the loop response time will, in practice, depend on the power level,
and this effect can strongly influence the design of the control loop.
Equation 6 can be clarified by noting that it can be restated in
the following way
Vs
VV
V
V
sT
OUT
SET
SLP
IN
Z
()
–
log (
/
)
=
10
(7)
where VSLP is the volts-per-decade slope from Equation 1, having a
value of 440 mV/dec, and T is an effective time constant for
the integration, being equal to (4.15 k
Ω × C
FLT)/1.35; the resis-
tor value comes from the setpoint interface scaling Equation 4
and the factor 1.35 arises as a result of the voltage gain of the
buffer. So the integration time constant can be written as
TC
in s when C
is
ressed in nF
FLT
FLT
=×
()
307
.
µ
exp
(8)
To simplify understanding of the control loop dynamics, begin
by assuming that the power amplifier gain function actually is
linear-in-dB; for now, we will also use voltages to express the
signals at the power amplifier input and output. Let the RF output
voltage be VPA and its input be VCW; further, to characterize the
gain control function, this form is used
VG V
PA
O
CW
=
10
(/
)
VV
OUT
GSC
(9)
where GO is the gain of the power amplifier when VOUT = 0 and
VGSC is the gain scaling. While few amplifiers will conform so
conveniently to this law, it nevertheless provides a clearer starting
point for understanding the more complex situation that arises
when the gain control law is less than ideal.
This idealized control loop is shown in Figure 4. With some
manipulation, it is found that the characteristic equation of this
system is
Vs
VV
V
V
kG V
V
sT
OUT
SET
GSC
SLP
GSC
O
CW
Z
O
()
()/
log
(
/
)
=
−
+
10
1
(10)
where k is the voltage coupling factor from the output of the
power amplifier to the input of the AD8316 (e.g.,
×0.1 for a 20 dB
coupler) and TO is a modified time constant (VGSC/VSLP)T.
This is quite easy to interpret. First, it shows that a system of
this sort will exhibit a simple single-pole response, for any power
level, with the customary exponential time domain form for
either increasing or decreasing step polarities in the demand
level VSET or the carrier input VCW. Second, it reveals that the
final value of the control voltage VOUT will be determined by
several fixed factors
Vt
V
V
V
V
kG V
V
OUT
SET
GSC
SLP
GSC
O
CW
Z
=∞
() =−
()/
log
(
/
)
10
(11)
RF PA
VCW
RF DRIVE: UP
TO 2.5GHz
VRF
DIRECTIONAL COUPLER
CFLT
AD8316
RESPONSE-SHAPING
OF OVERALL CONTROL
LOOP (EXTERNAL CAP)
VSET
VIN = kVRF
VOUT1
Figure 4. Idealized Control Loop for Dynamic
Analysis, OUT1 Selected
Example
Assume that the gain magnitude of the power amplifier runs from
a minimum value of
×0.316 (–10 dB) at V
OUT = 0 to
×100
(40 dB) at VOUT = 2.5 V. Applying Equation 9, we find GO =
0.316 and VGSC = 1 V. Using a coupling factor of k = 0.0316
(that is, a 30 dB directional coupler) and recalling that the nominal
value of VSLP is 440 mV and VZ = 199
µV for the AD8316, we will
first calculate the range of values needed for VSET to control an
output range of +32 dBm to –17 dBm. Note that, in the steady
state, the numerator of Equation 7 must be zero, that is
VV
kV
V
SET
SLP
PA
Z
=
()
log
10
(12)
when VIN is expanded to kVPA, the fractional voltage sample of
the power amplifier output. Now, for +32 dBm, VPA = 8.9 V rms,
this evaluates to
V
max
mV/
V
V
SET
() =
() =
044
281
199
139
10
.
log
.
µ
(13)
For a delivered power of –17 dBm, VPA = 31.6 mV rms,
V
min
. mV/
V
V
SET
() =
() =
044
1 0
199
0 310
10
.
log
.
µ
(14)
Note: The power range is 49 dB, which corresponds to a voltage
change of 49 dB
× 22 mV/dB = 1.08 V in V
SET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com