Electronic Components Datasheet Search
  English  ▼

X  

AD8316 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8316
Description  Dual Output GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8316 Datasheet(HTML) 3 Page - Analog Devices

  AD8316 Datasheet HTML 1Page - Analog Devices AD8316 Datasheet HTML 2Page - Analog Devices AD8316 Datasheet HTML 3Page - Analog Devices AD8316 Datasheet HTML 4Page - Analog Devices AD8316 Datasheet HTML 5Page - Analog Devices AD8316 Datasheet HTML 6Page - Analog Devices AD8316 Datasheet HTML 7Page - Analog Devices AD8316 Datasheet HTML 8Page - Analog Devices AD8316 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. C
AD8316
–3–
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage VPOS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
OUT1, OUT2, VSET, ENBL . . . . . . . . . . . . . . . . . . . 0 V, VPOS
RFIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
17 dBm
Equivalent Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6 V
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . 100 mW
JA (MSOP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
200
°C/W
JA (LFCSP, Paddle soldered) . . . . . . . . . . . . . . . . . . . . .
80
°C/W
JA (LFCSP, Paddle not soldered) . . . . . . . . . . . . . . . . .
130
°C/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . 125
°C
Operating Temperature Range . . . . . . . . . . . . . . –40
°C to +85°C
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8316ARM
–30
°C to +85°C
10-Lead MSOP, Tube
RM-10
J8A
AD8316ARM-REEL7 –30
°C to +85°CMSOP, 7" Tape and Reel
RM-10
J8A
AD8316-EVAL
MSOP Evaluation Board
AD8316ACP-REEL
–30
°C to +85°C
16-Lead LFCSP, 13" Tape and Reel
CP-16-3
J8A
AD8316ACP-REEL7
–30
°C to +85°CLFCSP, 7" Tape and Reel
CP-16-3
J8A
AD8316ACP-EVAL
LFCSP Evaluation Board
Table I. Typical Specifications at Selected Frequencies at 25
°C
Dynamic Range
Dynamic Range
Slope (mV/dB)
Intercept (dBm)
Low Point (dBm)
High Point (dBm)
Frequency
Standard
Standard
Standard
Standard
(GHz)
Mean
Deviation
Mean
Deviation
Mean
Deviation
Mean
Deviation
0.1
22.1
0.3
–61.0
1.5
–45.6
0.7
3.0
0.7
0.9
22.2
0.3
–62.2
1.5
–47.6
0.6
1.5
0.6
1.9
21.6
0.3
–63.1
1.5
–49.2
0.8
–4.5
0.8
2.5
21.3
0.3
–66.0
1.6
–51.5
1.1
–3.0
1.1
Slope and intercept calculated over the input amplitude range of –40 dBm to –10 dBm.
PIN FUNCTION DESCRIPTIONS
Pin No.
MSOP LFCSP
Mnemonic Function
11
RFIN
RF Input.
22
ENBL
Connect to VPOS for Normal
Operation. Connect pin to
ground for disable mode.
33
VSET
Setpoint Input.
44
FLT1
Integrator Capacitor for OUT1.
Connect between FLT1 and
COMM.
56
BSEL
Band Select. LO = OUT2,
HI = OUT1.
67
FLT2
Integrator Capacitor for OUT2.
Connect between FLT2 and
COMM.
79
OUT2
Band 2 Output.
8
10, 14
COMM
Device Common (Ground).
911OUT1
Band 1 Output.
10
12
VPOS
Positive Supply Voltage: 2.7 V
to 5.5 V.
5, 8, 13,
NC
No Connection.
15, 16
PIN CONFIGURATION
10-Lead MSOP
AD8316
OUT2
FLT2
VPOS
OUT1
COMM
FLT1
BSEL
RFIN
ENBL
VSET
1
2
3
4
5
10
9
8
7
6
TOP VIEW
(NOT TO SCALE)
16-Lead LFCSP
VPOS
OUT1
COMM
OUT2
RFIN
ENBL
VSET
FLT1
1
2
3
4
12
11
10
9
AD8316
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Storage Temperature Range . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec)
MSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300
°C
LFCSP
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8316 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com