Electronic Components Datasheet Search
  English  ▼

X  

FE5B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FE5B
Description  Ultra Fast Sinterglass Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FE5B Datasheet(HTML) 1 Page - Vishay Siliconix

  FE5B Datasheet HTML 1Page - Vishay Siliconix FE5B Datasheet HTML 2Page - Vishay Siliconix FE5B Datasheet HTML 3Page - Vishay Siliconix FE5B Datasheet HTML 4Page - Vishay Siliconix FE5B Datasheet HTML 5Page - Vishay Siliconix FE5B Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VISHAY
FE5A / 5B / 5C / 5D
Document Number 86071
Rev. 1.3, 11-Aug-04
Vishay Semiconductors
www.vishay.com
1
17133
Ultra Fast Sinterglass Diode
Features
• High temperature metallurgically bonded con-
struction
• Cavity-free glass passivated junction
• Superfast recovery time for high efficiency
• Low forward voltage, high current capability
• Hermetically sealed package
• Low leakage current
• High surge current capability
Mechanical Data
Case: Sintered glass case, G
-4
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: approx. 1040 mg
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Package
FE5A
VRRM = 50 V
G-4
FE5B
VRRM = 100 V
G-4
FE5C
VRRM = 150 V
G-4
FE5D
VRRM = 200 V
G-4
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage = Repetitive
peak reverse voltage
see electrical characteristics
FE5A
VR = VRRM
50
V
FE5B
VR = VRRM
100
V
FE5C
VR = VRRM
150
V
FE5D
VR = VRRM
200
V
Maximum average forward
rectified current
0.375 " (9.5 mm) lead length at
TL = 55 °C
IF(AV)
5.0
A
Peak forward surge current
8.3 ms single half sine-wave
superimposed on rated load
(JEDEC Method)
IFSM
135
A
Operating junction and storage
temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - FE5B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FE5B GE-FE5B Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Gulf Semiconductor
FE5B GULFSEMI-FE5B Datasheet
136Kb / 2P
SINTERED GLASS JUNCTION SUPERFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 5.0A
logo
New Jersey Semi-Conduct...
FE5B NJSEMI-FE5B Datasheet
88Kb / 1P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
More results

Similar Description - FE5B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GI1001 VISHAY-GI1001 Datasheet
356Kb / 5P
Ultra Fast Sinterglass Diode
28-Jan-03
BYV26A VISHAY-BYV26A_10 Datasheet
114Kb / 4P
Ultra Fast Avalanche Sinterglass Diode
04-Aug-10
BYV27-600 VISHAY-BYV27-600 Datasheet
115Kb / 4P
Ultra Fast Avalanche Sinterglass Diode
04-Aug-10
BYV26E-TR VISHAY-BYV26E-TR Datasheet
121Kb / 4P
Ultra-Fast Avalanche Sinterglass Diode
04-Sep-12
BYV28-600-TR VISHAY-BYV28-600-TR Datasheet
111Kb / 4P
Ultra-Fast Avalanche Sinterglass Diode
04-Sep-12
logo
Digitron Semiconductors
BYV27-50 DIGITRON-BYV27-50 Datasheet
92Kb / 3P
ULTRA FAST AVALANCHE SINTERGLASS DIODE
logo
New Jersey Semi-Conduct...
FE3A NJSEMI-FE3A Datasheet
112Kb / 3P
Ultra Fast Sinterglass Diode
logo
Vishay Siliconix
BYV26A VISHAY-BYV26A_15 Datasheet
127Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
04-Sep-12
BYV27-50 VISHAY-BYV27-50_15 Datasheet
129Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
04-Sep-12
BYV28-50 VISHAY-BYV28-50_V01 Datasheet
126Kb / 4P
Ultra-Fast Avalanche Sinterglass Diode
21-Feb-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com