Electronic Components Datasheet Search
  English  ▼

X  

FE5B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FE5B
Description  Ultra Fast Sinterglass Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FE5B Datasheet(HTML) 3 Page - Vishay Siliconix

  FE5B Datasheet HTML 1Page - Vishay Siliconix FE5B Datasheet HTML 2Page - Vishay Siliconix FE5B Datasheet HTML 3Page - Vishay Siliconix FE5B Datasheet HTML 4Page - Vishay Siliconix FE5B Datasheet HTML 5Page - Vishay Siliconix FE5B Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VISHAY
FE5A / 5B / 5C / 5D
Document Number 86071
Rev. 1.3, 11-Aug-04
Vishay Semiconductors
www.vishay.com
3
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Leakage Characteristics
Figure 5. Typical Junction Capacitance
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Instantaneous Forward Voltage (V)
0.01
0.1
10
100
1
1.8
TJ =25
°C
Pulse Width = 300
µs
1% Duty Cycle
gfe5a_03
020
60
40
100
80
Percent of Rated Peak Reverse Voltage (%)
TJ =25
°C
TJ = 100
°C
TJ = 125
°C
0.01
0.1
10
1
100
1,000
gfe5a_04
Reverse Voltage (V)
0.1
1
10
100
100
50
150
200
250
0
TJ = 25°C
f = 1.0 MHZ
Vsig = 50mVp-p
gfe5a_05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com