Electronic Components Datasheet Search
  English  ▼

X  

FE5B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FE5B
Description  Ultra Fast Sinterglass Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FE5B Datasheet(HTML) 2 Page - Vishay Siliconix

  FE5B Datasheet HTML 1Page - Vishay Siliconix FE5B Datasheet HTML 2Page - Vishay Siliconix FE5B Datasheet HTML 3Page - Vishay Siliconix FE5B Datasheet HTML 4Page - Vishay Siliconix FE5B Datasheet HTML 5Page - Vishay Siliconix FE5B Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 86071
Rev. 1.3, 11-Aug-04
VISHAY
FE5A / 5B / 5C / 5D
Vishay Semiconductors
Maximum Thermal Resistance
Tamb = 25 °C, unless otherwise specified
1) Thermal resistance from junction to lead 0.375 " (9.5 mm) lead length with both leads attached to heatsinks.
2) Thermal resistance from junction to ambient at 0.375 " (9.5 mm) lead length and mounted on P.C.B.
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Symbol
Value
Unit
Typical thermal resistance 1), 2)
RθJA
60
K/W
RθJL
20
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Maximum instantaneous
forward voltage
IF = 5.0 A
VF
0.95
V
Maximum reverse current
VR = VRRM, Tamb = 25 °C
IR
5.0
µA
VR = VRRM, Tamb = 100 °C
IR
50
µA
Maximum reverse recovery time IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
35
ns
Typical junction capacitance
VR = 4 V, f = 1 MHz
Cj
100
pF
Figure 1. Maximum Forward Current Derating Curve
0
6.0
0
25
50
75
100
125
150
175
Ambient Temperature (
°C)
4.0
2.0
Resistive or Inductive Load
0.375" (9.5mm)
L
gfe5a_01
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
0
25
50
75
100
125
150
175
1100
10
Number of Cycles at 60 HZ
TJ =TJ max.
8.3ms Single Half Sine-W ave
(JEDEC Method)
gfe5a_02



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com