Electronic Components Datasheet Search
  English  ▼

X  

STCC05-BD4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STCC05-BD4
Description  HOME APPLIANCE CONTROL CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC05-BD4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STCC05-BD4 Datasheet HTML 3Page - STMicroelectronics STCC05-BD4 Datasheet HTML 4Page - STMicroelectronics STCC05-BD4 Datasheet HTML 5Page - STMicroelectronics STCC05-BD4 Datasheet HTML 6Page - STMicroelectronics STCC05-BD4 Datasheet HTML 7Page - STMicroelectronics STCC05-BD4 Datasheet HTML 8Page - STMicroelectronics STCC05-BD4 Datasheet HTML 9Page - STMicroelectronics STCC05-BD4 Datasheet HTML 10Page - STMicroelectronics STCC05-BD4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STCC05-B
7/13
DC CHARACTERISTICS
AIR CONDITIONER APPLICATION CONSIDERATIONS
■ IMMUNITY IMPROVEMENT OF STCC05 AND THE MICROCONTROLLER
Some basic rules can be applied to improve the STCC05 immunity in its application:
Depending of the PCB layout quality, others capacitors may be put on sensitive pins such as the output
regulator pin VDD and the zero crossing synchronization input pin SYN.
Figure 4: Typical regulator voltage VDD variation
versus its output current IDD at TJ = 25°C
Figure 5: Typical regulator voltage VDD variation
versus its junction temperature at VIN = 12V
Figure 6: Typical relay driver RL (1 to 3) on-
state voltage variation versus its current
Figure 7: Typical compressor relay driver RL4 on-
state voltage variation versus its current
4
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
0
20406080
100
Idd (mA)
Vdd (V)
Vin = 9V
Vin = 16V
Vdd (V)
4.9
4.925
4.95
4.975
5
5.025
5.05
-25
0
25
50
75
100
125
150
Tj(°C)
Idd = 5mA
Idd = 40mA
0.5
0.6
0.7
0.8
0.9
1
1.1
0
1020304050
Ion (mA)
Von (V)
Tj = -25ºC
Tj = 25ºC
Tj = 85ºC
0.5
0.6
0.7
0.8
0.9
1
1.1
0
50
100
150
Ion (mA)
Von (V)
Tj = -25ºC
Tj = 25ºC
Tj = 85ºC
- The power ground of VPS should be split from the signal ground of VDD,
- The STCC05 is placed as close as possible of the MCU,
- The supply capacitors would increase the system immunity by being placed closed to the blocks they feed,
or putting decoupling capacitors (f.i. CDD = CPS = 100nF)
- Large supply wire on the PCB should be avoided to reduce sensitivity to radiated interferences.
- A decoupling capacitor can be put on the pin INS of the speed sensor interface and the MCU reset pin
(f.i. CINS = 10nF; CUP = 100nF).
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com