Electronic Components Datasheet Search
  English  ▼

X  

STCC05-BD4 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STCC05-BD4
Description  HOME APPLIANCE CONTROL CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC05-BD4 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STCC05-BD4 Datasheet HTML 4Page - STMicroelectronics STCC05-BD4 Datasheet HTML 5Page - STMicroelectronics STCC05-BD4 Datasheet HTML 6Page - STMicroelectronics STCC05-BD4 Datasheet HTML 7Page - STMicroelectronics STCC05-BD4 Datasheet HTML 8Page - STMicroelectronics STCC05-BD4 Datasheet HTML 9Page - STMicroelectronics STCC05-BD4 Datasheet HTML 10Page - STMicroelectronics STCC05-BD4 Datasheet HTML 11Page - STMicroelectronics STCC05-BD4 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
STCC05-B
8/13
Figure 8: Example of PCB layout improvement for higher immunity
■ STCC05 ELECTROMAGNETIC COMPATIBILITY
Standards such as IEC61000-4-x evaluate the electromagnetic compatibility of appliance systems. To test
the immunity level of the STCC05 to the IEC61000-4-4 (Electrical Fast Transient Bursts), a board repre-
sentative of usual application control unit should be considered by applying the immunity design rules
defined in the previous paragraph.
IEC61000-4-4 test does not allow any measurement equipment to be connected to the tested system, as
it would corrupt the test results. That is why this board should include a remote monitoring circuit based
on optic fibers. Thus, without any electrical link with an oscilloscope, it is possible to monitor the VDD volt-
age as well as the /RST or the ZVS outputs of the STCC05, during the IEC61000-4-4 test. This optical link
detects parasitic commutations of outputs as short as 60ns.
With this board, and the burst generator coupled to the mains as specified in the IEC61000-4-4 standard
(see the following principle diagram), the STCC05 has been tested successfully at 4kV.
Figure 9: IEC61000-4-4 Electrical Fast Transient
Burst general STCC05 test circuit
Figure 10: Test circuit schematic
V
PS
MCU
RST\
V
DD
V
SS
1
2
4
1
3
3
V
PS
V
DD
RST\
Reset
5VREG
COM
STCC05
SMPS
BURST
GENERATOR
tr : 5ns
tp : 50 ns
MAINS
N
SYSTEM TESTED
10 cm
L
PE
N
L
PE
0.5kVto4 kV
BURST COUPLER
STCC05
MAINS FILTER
VDD
Cs
47uF
TR1
15V 5VA
SW3
Cps_1
100uF
BATTERY
9V5
Rzv 15k
MAINS
Cps_2
100nF
COMPRESSOR RELAY
RST
Cdd_2
100nF
SW1
Oscilloscope
U1
STCC05-B
1
2
3
4
5
6
7
8
9
10
11
12
18
19
20
16
15
14
13
17
Vps
SYN
INs
RL1
RL2
RL3
RL4
BZ1
BZ2
ENbz
COM
INBZ
ZVS
RST
VDD
IN1
IN2
IN3
IN4
OUTs
Cdd_1
100uF
VPS
LS
SPEED SENSOR
VPS
VPS
Czv
15nF
Optical Transmitter
ZVS
SW2
LS
ZVS
RELAY 3
VDD
Cup
100nF
SW4
Optical Receiver
RELAY 2
VDD
RST
TEST BOARD
BUZZER
RELAY 1
Cins
10nF
Rins
2.2k
Rs
560
D1~D4
1N4002
HFBR-0410
Optic Fiber
VDD
Cs
47uF
TR1
15V 5VA
SW3
Cps_1
100uF
BATTERY
9V5
Rzv 15k
MAINS
Cps_2
100nF
COMPRESSOR RELAY
RST
Cdd_2
100nF
SW1
Oscilloscope
U1
STCC05-B
1
2
3
4
5
6
7
8
9
10
11
12
18
19
20
16
15
14
13
17
Vps
SYN
INs
RL1
RL2
RL3
RL4
BZ1
BZ2
ENbz
COM
INBZ
ZVS
RST
VDD
IN1
IN2
IN3
IN4
OUTs
Cdd_1
100uF
VPS
LS
SPEED SENSOR
VPS
VPS
Czv
15nF
Optical Transmitter
ZVS
SW2
LS
ZVS
RELAY 3
VDD
Cup
100nF
SW4
Optical Receiver
RELAY 2
VDD
RST
TEST BOARD
BUZZER
RELAY 1
Cins
10nF
Rins
2.2k
Rs
560
D1~D4
1N4002
HFBR-0410
Optic Fiber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com